Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 16Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 17Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 18Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 19Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 20Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 21Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 22Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 23Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2134-QA-02
May
2022
20
Application Information
The RTQ2134 is a power management IC that
integrates four high efficiency Buck converters, and is
capable of multiphase or single-phase operation. The
RTQ2134 supports 2 + 1 + 1 and 2 + 2 configuration.
Inductor Selection
The inductor selection are trade-offs among size, cost,
efficiency,
and
transient
response
requirements.
Generally, three key inductor parameters are specified
for operation with the device: inductance value (L),
inductor saturation current (ISAT), and DC resistance
(DCR).
A good compromise between size and loss is a 30%
peak-to-peak ripple current to the IC rated current, but
it still depends on size consideration. The inductor used
in the Typical Application Circuit of this datasheet is
recommended. The switching frequency, input voltage,
output voltage, and selected inductor ripple current
determine the inductor value as follows :
OUT
IN
OUT
IN
SW
L
V
(V
V
)
L =
V
f
I
−

To enhance the efficiency, choose a low-loss inductor
having the lowest possible DCR that fits in the allotted
dimensions. The selected inductor should have a
saturation current rating greater than the peak current
limit of the device. The core must be large enough not
to saturate at the peak inductor current (IL_PEAK) :
OUT
IN
OUT
L
IN
SW
L_PEAK
OUT_MAX
L
V
(V
V
)
I =
V
f
L
1
I
= I
+
I
2
−

The current flowing through the inductor is the inductor
ripple current plus the output current. During power-up,
faults, or transient load conditions, the inductor current
can increase the peak inductor current level calculated
above. In transient conditions, the inductor current can
increase up to the switch current limit of the device. For
this reason, the most conservative approach is to
specify an inductor with a saturation current rating
equal to or greater than the switch current limit rather
than the peak inductor current.
Input Capacitor Selection
Input capacitance, CIN, is needed to filter the pulsating
current at the drain of the HSFET. The CIN should be
sized to do this without causing a large variation in
input
voltage.
Several
capacitors
may
also
be
paralleled
to
meet
size,
height
and
thermal
requirements in the design. For low input voltage
applications,
sufficient
bulk
input
capacitance
is
needed to minimize transient effects during output load
changes.
The input capacitor should be placed as close as
possible to each VIN pin with a low inductance
connection to the PGND of the IC. It is recommended
to connect capacitors between the VIN pin and the
PGND pin as shown in the Typical Application Circuit.
The larger input capacitance is required when a lower
switching frequency is used. The X7R capacitors are
recommended
for
best
performance
across
temperature and input voltage variations.
Output Capacitor Selection
The selection of COUT is determined by considering to
satisfy the voltage ripple and the transient loads. The
peak-to-peak output ripple,
VOUT, is determined by :
OUT
L
OUT
SW
1
V
= I
ESR +
8 C
F

 


where the
IL is the peak-to-peak inductor ripple
current. The highest output ripple is at maximum input
voltage since
IL increases with input voltage. Multiple
capacitors placed in parallel may be needed to meet
the ESR and RMS current handling requirements.
Ceramic capacitors have very low equivalent series
resistance
(ESR)
and
provide
the
best
ripple
performance.
The
X7R
dielectric
capacitor
is
recommended
for
the
best
performance
across
temperature and input voltage variations. The variation
of the capacitance value with temperature, DC bias
voltage and switching frequency needs to be taken into
consideration. For example, the capacitance value of a
capacitor decreases as the DC bias across the
capacitor increases. Be careful to consider the voltage
coefficient of ceramic capacitors when choosing the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com