Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 5Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 6Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 7Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 8Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 9Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 10Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 11Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 12Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DSQ2134-QA-02
May
2022
www.richtek.com
9
BOOT
HOT Die
OT
OV
UV
PG
Rising
Falling
BOOT
Event Flag
HOT Die
Event Flag
OT
Event Flag
OV
Event Flag
UV
Event Flag
PG
Event Flag
BOOT
Mask
HOT Die
Mask
OT
Mask
OV
Mask
UV
Mask
PG
Mask
To INT
Rising
Falling
Rising
Falling
Rising
Falling
Rising
Falling
Rising
Falling
Figure 7. Overall Detection Function
Watchdog Function
The RTQ2134 implements a watchdog function which
resets each Buck output voltage, DVSx, and ENDVSx
registers to factory default setting value. Register 0x25
can enable or disable watchdog function of each Buck
and provide the debounce time for selection. The
minimum watchdog debounce time is 100
s when
0x25[2:0] is set to 000. The operation of watchdog
reset is shown in Figure 8. Table 1 shows the registers
will be reset when WDOG_RST pin is pulled low. The
I2C command needs to be after the WDOG_RST is
pulled high.
VOUT of
BUCKx
WDOG_RST
Default
Voltage
Lower
VSET
DVS
Slew Rate
DEBOUNCE Time
Register Setting
Higher
VSET
Reset Related
Register
Figure 8. Watchdog Reset Operation
Table 1. Watchdog Reset Register
BUCK1_WDT
BUCK2_WDT
BUCK3_WDT
0x48
0x62
0x7C
0x49[0]
0x63[0]
0x7D[0]
0x4A
0x64
0x7E
0x4B[0]
0x65[0]
0x7F[0]
0x52
0x6C
0x86
Over-Current Protection
The RTQ2134 features cycle-by-cycle current-limit
protection on both HSFET and LSFET to prevent the
device
from
the catastrophic
damage
in
output
short-circuit,
over-current
or
inductor
saturation
conditions.
The HSFET over-current protection is achieved by an
internal current comparator that monitors the current in
the HSFET during each on-time. The switch current is
compared with the HSFET peak-current limit (ILIM_H)
after a certain amount of delay when the HSFET is
turned on each cycle. If an over-current condition
occurs, the converter will immediately turn off the
HSFET and turn on the LSFET to prevent the inductor
current from exceeding the HSFET current limit.
The LSFET over-current protection is achieved by
measuring the inductor current through the LSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com