Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 13Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 14Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 15Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 16Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 17Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 18Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 19Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 20Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DSQ2134-QA-02
May
2022
www.richtek.com
17
VIN = 3.8V, VOUT = 1V, IOUT = 0.1A to 4A
TR = TF = 1s, FCCM, L = 0.33H
COUT = 22F/1206/6.3V x 4
VOUT
(20mV/Div)
IOUT
(2A/Div)
Time (4
s/Div)
Load Transient Response-Two Phase
VOUT
(20mV/Div)
IOUT
(2A/Div)
Time (4
s/Div)
Load Transient Response-Two Phase
VIN = 3.8V, VOUT = 1V, IOUT = 4A to 0.1A
TR = TF = 1s, FCCM, L = 0.33H
COUT = 22F/1206/6.3V x 4
VOUT
(20mV/Div)
IOUT
(1A/Div)
Time (4
s/Div)
Load Transient Response-Single Phase
VIN = 3.8V, VOUT = 1V, IOUT = 0.1A to 2A
TR = TF = 1s, FCCM, L = 0.33H
COUT = 22F/1206/6.3V x 2
VOUT
(20mV/Div)
IOUT
(1A/Div)
Time (4
s/Div)
Load Transient Response-Single Phase
VIN = 3.8V, VOUT = 1V, IOUT = 2A to 0.1A
TR = TF = 1s, FCCM, L = 0.33H
COUT = 22F/1206/6.3V x 2
Time (1ms/Div)
OCP Hiccup - Two Phase
VOUT
(500mV/Div)
VLX1
(10V/Div)
ILX4
(5A/Div)
ILX1
(5A/Div)
VIN = 3.8V, VOUT = 0.8V
Time (1ms/Div)
OCP Hiccup - Single Phase
VOUT
(400mV/Div)
VLX2
(10V/Div)
ILX2
(5A/Div)
VIN = 3.8V, VOUT = 1.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com