Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 46 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 46 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 42Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 43Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 44Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 45Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 46Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 47Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 48Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 49Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 50Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2134-QA-02
May
2022
46
Register
Address
0x7F
Register
Name
BUCK3_DVS1CFG0
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0
0
0
0
0
0
0
0
Read/Write
R
R
RW
R
R
R
R
RW
Bits
Name
Description
Bit 7 to Bit 6
Bit 4 to Bit 1
Reserved
Reserved bits
Bit 5
BUCK3_DVS1MODE
Buck3 DVS1 operation mode setting
0 : Auto Mode
1 : FCCM
Note : Please enable all the set outputs before setting into the FCCM.
Bit 0
BUCK3_ENDVS1
Enable or disable Buck3 DVS1
0 : Disable
1 : Enable
Register
Address
0x86
Register
Name
BUCK3_DVSCFG
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0
0
0
0
0
0
0
0
Read/Write
R
R
R
R
R
RW
RW
RW
Bits
Name
Description
Bit 7 to Bit 3
Reserved
Reserved bits
Bit 2
BUCK3_DVSPIN_
POL
When Buck3 DVS up and down operations are controlled by using
external VSELA pin, this bit can define the polarity for VSELA.
0 : VSELA = 1
→ use DVS0 setting
VSELA = 0
→ use DVS1 setting
1 : VSELA = 1
→ use DVS1 setting
VSELA = 0
→ use DVS0 setting
Bit 1 to Bit 0
BUCK3_DVS_CTRL
Buck3 DVS up and down operations are controlled by software or
external pin.
00 : Use DVS0 setting
01 : Use DVS1 setting
10 : Controlled by VSELA pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com