Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 23Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 24Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 25Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 26Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 27Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 28Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 29Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 30Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DSQ2134-QA-02
May
2022
www.richtek.com
27
Register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0x38
FLT_BUCK
2_CTRL
Reserved
FLT_BU
CK2_CT
RLUV
Reserved
0x0C
0x39
FLT_BUCK
3_CTRL
Reserved
FLT_BU
CK3_CT
RLUV
Reserved
0x0C
0x3E
BUCK1_
RAMP
Reserved
BUCK1_
DVS_UP
Reserved
BUCK1_
DVS_DO
WN
Reserved
0x44
0x42
BUCK1_
CFG0
Reserved
BUCK1_
DIS
0x01
0x48
BUCK1_
DVS0CFG1
BUCK1_DVS0
0x8C
0x49
BUCK1_
DVS0CFG0
Reserved
BUCK1_
DVS0M
ODE
Reserved
BUCK1_
ENDVS0
0x00
0x4A
BUCK1_
DVS1CFG1
BUCK1_DVS1
0x8C
0x4B
BUCK1_
DVS1CFG0
Reserved
BUCK1_
DVS1M
ODE
Reserved
BUCK1_
ENDVS1
0x00
0x52
BUCK1_
DVSCFG
Reserved
BUCK1_
DVSPIN
_POL
BUCK1_DVS_
CTRL
0x00
0x54
BUCK1_
RSPCFG
Reserved
BUCK1_RSPUP
Reserved
BUCK1_RSPDN
0x14
0x55
BUCK1_
SLEWCTRL
Reserved
BUCK1_SS_
SLEW
Reserved
0x00
0x5B
BUCK2_
RAMP
Reserved
BUCK2_
DVS_UP
Reserved
BUCK2_
DVS_DO
WN
Reserved
0x44
0x5F
BUCK2_
CFG0
Reserved
BUCK2_
DIS
0x01
0x62
BUCK2_
DVS0CFG1
BUCK2_DVS0
0x8C
0x63
BUCK2_
DVS0CFG0
Reserved
BUCK2_
DVS0M
ODE
Reserved
BUCK2_
ENDVS0
0x00
0x64
BUCK2_
DVS1CFG1
BUCK2_DVS1
0x8C
0x65
BUCK2_
DVS1CFG0
Reserved
BUCK2_
DVS1M
ODE
Reserved
BUCK2_
ENDVS1
0x00
0x6C
BUCK2_
DVSCFG
Reserved
BUCK2_
DVSPIN
_POL
BUCK2_DVS_
CTRL
0x00
0x6E
BUCK2_
RSPCFG
Reserved
BUCK2_RSPUP
Reserved
BUCK2_RSPDN
0x14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com