Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9549 Datasheet HTML 33Page - Analog Devices AD9549 Datasheet HTML 34Page - Analog Devices AD9549 Datasheet HTML 35Page - Analog Devices AD9549 Datasheet HTML 36Page - Analog Devices AD9549 Datasheet HTML 37Page - Analog Devices AD9549 Datasheet HTML 38Page - Analog Devices AD9549 Datasheet HTML 39Page - Analog Devices AD9549 Datasheet HTML 40Page - Analog Devices AD9549 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 37 of 78
Figure 22: Holdover state diagram
Abbreviation Key
OvrdRefPin:
Override REF SEL pin
OvrdHldPin:
Override HOLDOVER pin
AutoRefSel:
Automatic reference select
AutoRcov:
Automatic holdover recovery
AutoHold:
Automatic holdover entry
||
Logical OR
&
Logical AND
%
Logical NOT
RefA:
Reference A selected
RefB:
Reference B selected
HoldOver:
Holdover state
FailA:
Reference A failed
FailB:
Reference B failed
ValidA:
Reference A validated
ValidB:
Reference B validated
Figure 23: Holdover State Diagram Abbreviation Key
States 1 or 2 are in effect when the device is not in the holdover
condition, while states 3 & 4 are in effect when the holdover
condition is active. When REF A is selected as the "active"
reference, then states 1 or 3 are in effect. When REF B is
selected as the "active" reference, then states 2 or 4 are in effect.
A transition between states depends on the reference switchover
and holdover control register settings, the logic state of the
REFSELECT and HOLDOVER pins, and the occurrence of
certain events (e.g., a reference failure).
The state machine and its relationship to control register and
external pin stimuli are shown in the diagram below. The state
machine generates a "derived" reference selection and holdover
state. The actual control signal sent to the reference switchover
logic and the holdover logic, however, depends on the control
signals applied to the MUXes. The "dashed" path leading to the
REFSELECT and HOLDOVER pins is active when the "auto"
mode is selected for reference selection and/or holdover
assertion.
Reference Recovery Timers
Each of the two reference inputs has a dedicated recovery timer.
The status of these timers is used by the holdover state machine
as part of the decision making process for reverting to a
previously faulty reference. For example, suppose that a
reference fails (i.e., an LOR or OOL condition is in effect) and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com