Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9549 Datasheet HTML 21Page - Analog Devices AD9549 Datasheet HTML 22Page - Analog Devices AD9549 Datasheet HTML 23Page - Analog Devices AD9549 Datasheet HTML 24Page - Analog Devices AD9549 Datasheet HTML 25Page - Analog Devices AD9549 Datasheet HTML 26Page - Analog Devices AD9549 Datasheet HTML 27Page - Analog Devices AD9549 Datasheet HTML 28Page - Analog Devices AD9549 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 25 of 78
The choice of P is important because it controls both the
response of the CCI filter and the sample rate of the loop filter.
In order to understand the method for determining a useful
value for P, it is first necessary to examine the transfer function
of the CCI filter:
[
]2
)
1
(
1
)
(
ω
ω
ω
j
P
j
e
P
e
CCI
H
−
−
−
−
=
or
()
0
0
,
,
1
)
(
)
cos(
1
)
cos(
1
1
2
>
=
=
−
−
ω
ω
ω
ω
ωP
P
CCI
H
To evaluate the response in terms of absolute frequency, make
the substitution:
S
f
f
π
ω 2
=
(where fS is the DAC sample rate and f is the frequency at which
HCCI is to be evaluated)
Analysis of this function reveals that the CCI magnitude
response follows a low pass characteristic that consists of a
series of P lobes. The lobes are bounded by null points
occurring at frequency multiples of fS/P. The peak of each
successive lobe is lower that its predecessor over the frequency
range between DC and ½fS. For frequencies greater than ½fS,
the response is a reflection about the vertical at ½fS.
Furthermore, the first lobe (which appears between DC and
fS/P) exhibits a monotonically decreasing response. That is, the
magnitude is unity at DC and it steadily decreases with
frequency until it vanishes at the first null point (fS/P).
The null points imply the existence of transmission zeros placed
at finite frequencies. While transmission zeros placed at
infinity yield minimal phase delay, zeros placed closer to DC
result in increased phase delay. Hence, the position of the first
null point has a significant impact on the phase delay
introduced by the CCI filter. This is an important
consideration, because excessive phase delay negatively impacts
the overall closed loop response. As a rule of thumb, choose a
value for P so that the frequency of the first null point (fS/P) is
the greater of:
80 times the desired loop bandwidth, or
1.5 times the frequency of CLK (fR/R)
The value of P thus calculated (PMAX) is the largest usable value
in practice. Since P is programmed as PIO, it is necessary to
define PMAX in terms of PIO, so that PIOMAX may be determined.
The condition, PIO ≤ PIOMAX, ensures that the impact of the
phase delay of the CCI filter on the phase margin of the loop
will not exceed 5°. PIOMAX may be expressed as:






=
REF
S
LOOP
S
IOMAX
f
f
floor
f
f
floor
P
3
2
log
,
80
log
,
16
min
,
5
max
2
2
With a properly chosen value for P, the closed-loop response of
the digital PLL is primarily determined by the response of the
digital loop filter. Flexibility in controlling the loop filter
response translates directly into flexibility in the range of
applications satisfied by the architecture of the AD9549.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com