Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9549 Datasheet HTML 42Page - Analog Devices AD9549 Datasheet HTML 43Page - Analog Devices AD9549 Datasheet HTML 44Page - Analog Devices AD9549 Datasheet HTML 45Page - Analog Devices AD9549 Datasheet HTML 46Page - Analog Devices AD9549 Datasheet HTML 47Page - Analog Devices AD9549 Datasheet HTML 48Page - Analog Devices AD9549 Datasheet HTML 49Page - Analog Devices AD9549 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 46 of 78
OUTPUT CLOCK DRIVERS & 2X FREQUENCY
MULTIPLIER
There are two output drivers provided by the AD9912. The
primary supports differential 1.8V HSTL output levels while the
secondary supports either 1.8V or 3.3V CMOS levels,
depending on whether Pin 37 is driven at 1.8 or 3.3V.
The primary differential driver nominally provides an output
voltage with 100Ω load applied differentially (VDD-VSS=1.8V).
The source impedance of the driver is approximately 100Ω for
most of the output clock period; during transition between
levels, the source impedance reaches a maximum of about 500
ohms. The driver is designed to support output frequencies of
up to and beyond the OC-12 network rate of 622.08MHz.
The output clock may also be powered down by a control bit in
the I/O Register Map.
Primary 1.8V Differential HSTL Driver
The DDS produces a sinusoidal clock signal that is sampled at
the system clock rate. This DDS output signal is routed off-chip
where it is passed through an analog filter and brought back on-
chip for buffering and, if necessary, frequency doubling. Where
possible, for the best jitter performance, it is recommended that
the upconverter be bypassed.
The 1.8V HSTL output driver should be AC-coupled, with
100Ω termination at the destination. The driver design has low
jitter injection for frequencies in the range of 50 to 750 MHz.
Please refer to the AC Electrical Specifications for the exact
frequency limits.
2x Frequency Multiplier
The AD9549 may be configured (via the I/O Register Map)
with an internal 2x Delay Locked Loop (DLL) multiplier at the
input of the primary clock driver. The extra octave of frequency
gain allows the AD9549 to provide output clock frequencies
that exceed the range available from the DDS alone. These
settings are found in Registers 0010 and 0200.
The input to the DLL consists of the filtered DDS output signal
after it has been "squared up" by an integrated clock receiver
circuit. The DLL can accept input frequencies in the range of
200MHz to 400MHz.
Single-Ended CMOS Output
In addition to the high speed differential output clock driver,
the AD9549 provides an independent, single-ended output,
CMOS clock driver. It serves as a relatively low speed
(<50MHz) clock source. The origin of the signal generated by
the CMOS clock driver is determined by the appropriate control
bits in the I/O Register Map. The user may select one of two
sources under program control.
One source is the signal generated by the DDS after it has been
externally filtered and brought back on-chip. In this
configuration, the CMOS clock driver generates the same
frequency as appears at the output of the DDS.
NOTE: In this configuration, the DDS output frequency must
not exceed 50MHz.
The other source is the output of the feedback divider (S-
divider). In this configuration, the CMOS clock driver
generates the same frequency as the input reference after
optional prescaling by the R-divider (i.e., fCMOS=fR/R) which is
inherently limited to a maximum of 25 MHz.
FREQUENCY SLEW LIMITER
The AD9549 offers frequency slew limiting capability enabling
users to specify the maximum rate of frequency change that
appears at the output. The function is programmable via the
I/O Register Map. Program control a bit to enable/disable the
function (default condition is disable) and a register that sets the
desired slew rate.
The frequency slew limiter is located between the digital loop
filter and the CCI filter as shown in the diagram below.
Figure 33: Frequency Slew Limiter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com