Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9549 Datasheet HTML 20Page - Analog Devices AD9549 Datasheet HTML 21Page - Analog Devices AD9549 Datasheet HTML 22Page - Analog Devices AD9549 Datasheet HTML 23Page - Analog Devices AD9549 Datasheet HTML 24Page - Analog Devices AD9549 Datasheet HTML 25Page - Analog Devices AD9549 Datasheet HTML 26Page - Analog Devices AD9549 Datasheet HTML 27Page - Analog Devices AD9549 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 24 of 78
1) or 2 to 131,070 (index of 2). The divider is programmed via
the I/O Register Map to trigger on either the rising (default) or
falling edge of the feedback signal.
The feedback divider must be programmed within certain
boundaries. The “S Divider /2” bit must be set when FDBK_IN
is greater than 400 MHz. The upper boundary on the feedback
divider is the lesser of the maximum programmable value of S
and the maximum practical output frequency of the DDS (~
40%fS). Two formulae are given: Smax1 for a feedback divider
index of 1 and Smax2 for an index of 2:
(
)
65535
,
min
%
40
1
max
R
S
f
R
f
S
=
or
[
]
131070
,
min
%
40
2
max
R
S
f
R
f
S
=
Where R is the modulus of the feedforward divider, fS is the
DAC sample rate, and fR is the input reference frequency.
The DCO has a minimum frequency (see DAC output
Characteristics section of AC specification table). This imposes
a lower bound, Smin, on the feedback divider value, as well.
(
)
(
)1
,
max
min
min
R
DCO
f
f
R
S
=
NOTE: Reduced DCO frequencies result in worse jitter
performance (a consequence of the reduced slew rate of the
sinusoid generated by the DDS).
Forward and Reverse FEC Clock Scaling
The Feedforward (Divide-by-R) and Feedback Divider (Divide-
by-S) enable FEC clock scaling. For instance, to multiply the
incoming signal by 255/237, set the S- divider to 255, and the
R-divider to 237. One should be careful to abide by the
limitations on the R- and S-Dividers, and make sure the Phase
Detector input frequency is within specified limits.
Phase Detector
The phase detector is composed of two detectors: a coarse
phase detector and a fine phase detector. The two detectors
operate in parallel. Both detectors measure the duration (∆t) of
the pulses generated by a conventional 3-state phase/frequency
detector.
Together, the fine and coarse phase detectors produce a digital
word that is a time-to-digital conversion of the separation
between the edge transitions of the pre-scaled reference signal
and the feedback signal.
If the fine phase detector is able to produce a valid result, then
this result alone serves as the phase error measurement. If the
fine phase detector is either in an overflow or underflow
condition, the phase error measurement uses the coarse phase
detector instead.
Digital Loop Filter
The digital loop filter integrates and low-pass filters the digital
phase error values delivered by the phase detector. The loop
filter response mimics that of a 2nd order, R-C network used to
filter the output of a typical phase detector and charge pump
combination as shown in the diagram below.
Phase/
Frequency
Detector
Charge
Pump
C1
R2
C2
Loop Filter
VCO
CLK
Figure 10: Typical Analog PLL Block Diagram
The building blocks implemented on the AD9549, however, are
digital. A time-to-digital converter that produces digital values
proportional to the edge timing error between the CLK and
feedback signals replaces the phase-frequency detector and
charge pump. A digital filter that processes the edge timing
error samples from the time-to-digital converter replaces the
loop filter. A DDS replaces the VCO, which produces a
frequency that is linearly related to the digital value provided by
the loop filter. This is shown in Figure 11 on Page 26 with some
additional detail.
The samples provided by the time-to-digital converter are
delivered to the loop filter at a sample rate equal to the CLK
frequency (i.e., fR/R). The loop filter is intended to oversample
the time-to-digital converter output at a rate determined by the
"P"-divider. The value of P is programmable via the I/O
Register Map. It is stored as a 5-bit number, PIO. The value of
PIO is related to P by the equation:
P = 2PIO
(where 5 ≤ PIO ≤ 16)
Hence, the "P"-divider can provide divide ratios between 32 and
65536 in power-of-2 steps. With a DAC sample rate of 1GHz
the loop filter sample rate can range from as low as 15.26kHz to
a maximum of 31.25MHz. Coupled to the loop filter is a
cascaded comb-integrator (CCI) filter that provides a sample
rate translation between the loop filter sample rate (fS/P) and
the DDS sample rate, fS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com