Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9549 Datasheet HTML 70Page - Analog Devices AD9549 Datasheet HTML 71Page - Analog Devices AD9549 Datasheet HTML 72Page - Analog Devices AD9549 Datasheet HTML 73Page - Analog Devices AD9549 Datasheet HTML 74Page - Analog Devices AD9549 Datasheet HTML 75Page - Analog Devices AD9549 Datasheet HTML 76Page - Analog Devices AD9549 Datasheet HTML 77Page - Analog Devices AD9549 Datasheet HTML 78Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 76 of 78
0404; FPFD Gain
[7:0] FPFD Gain: This register is the fine phase frequency detector linear multiplier (alters charge-pump current). See “Fine
Phase Detector” on Page 27. Note that the correct value for this register will be calculated by filter design software provided with
the evaluation board.
0405 – 0408; Unused
0409 – 040A; PFD Offset
[13:0] DPLL Phase Offset: This register controls the static time offset of the PFD (Phase Frequency Detector) in closed-loop
mode. It has no effect when the DPLL is open.
040B; DAC Full-scale Current:
[7:0] DAC Full-scale Current: DAC Full-scale Current [7:0]. See “DAC Output” on Page 27.
040C; DAC Full-scale Current
[1:0] DAC Full-scale Current: DAC Full-scale Current [9:8]. See Register 040B.
040D – 040E; Unused
040F; Reference Bias Level
[1:0] DC Input Level for VDDX @ 3.3 V: This register sets the DC bias level for the reference inputs. The value should be chosen
such that VIH is as close as possible to (but not exceeding) 3.3V.
00: VDD3 – 800 mV
01: VDD3 – 400 mV
10: VDD3 – 1.6 V
11: VDD3 – 1.2 V
[7:2] Reserved
0410; Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com