Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 78 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9549 Datasheet HTML 70Page - Analog Devices AD9549 Datasheet HTML 71Page - Analog Devices AD9549 Datasheet HTML 72Page - Analog Devices AD9549 Datasheet HTML 73Page - Analog Devices AD9549 Datasheet HTML 74Page - Analog Devices AD9549 Datasheet HTML 75Page - Analog Devices AD9549 Datasheet HTML 76Page - Analog Devices AD9549 Datasheet HTML 77Page - Analog Devices AD9549 Datasheet HTML 78Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 78 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 78 of 78
OUTLINE DIMENSIONS
PIN 1
INDICATOR
TOP
VIEW
8.75
BSCSQ
9.00
BSC SQ
1
64
16
17
49
48
32
33
0.45
0.40
0.35
0.50 BSC
0.20REF
12 MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
7.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
4.85
4.70 SQ*
4.55
SEATING
PLANE
PIN 1
INDICATOR
EXPOSED PAD
(BOTTOM VIEW)
0.30
0.25
0.18
a
64-Lead Lead Frame Chip Scale Package [LFCSP]
9 x 9 mm Body
(CP-64-1)
Dimensions shown in millimeters
* COMPLIANT TO JEDEC STANDARDS MO-220-VMMD
EXCEPT FOR EXPOSED PAD DIMENSION
Figure 45: Outline Dimensions
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9549BCPZ1(when released)
-40 to +85
64-lead LFCSP
AD9549XCPZ1 (prototypes)
-40 to +85
64-lead LFCSP
1 Z = Pb-free part.
©2007
Analog
Devices,
Inc.
All
rights
reserved.
Trademarks and registered trademarks are the property
of their respective owners.
PR06744-0-3/07(PrA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com