Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 68 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9549 Datasheet HTML 64Page - Analog Devices AD9549 Datasheet HTML 65Page - Analog Devices AD9549 Datasheet HTML 66Page - Analog Devices AD9549 Datasheet HTML 67Page - Analog Devices AD9549 Datasheet HTML 68Page - Analog Devices AD9549 Datasheet HTML 69Page - Analog Devices AD9549 Datasheet HTML 70Page - Analog Devices AD9549 Datasheet HTML 71Page - Analog Devices AD9549 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 68 of 78
0023; PFD Divider
[3:0] Divide ratio for PFD clock from system clock. This is typically varied only in cases where the designer wishes to run the
DPLL Phase detector fast while Sysclk is run relatively slowly. The ratio is equal to PFD Divider * 4. For a 1 GHz system clock,
the ADC runs at 1 GHz / 20 = 50 MHz, and the DPLL phase detector runs at half this speed , which in this case is 25 MHz).
Digital PLL Control and Dividers
0100; PLL Control
[0] Close Loop: Setting this bit closes the loop. If Bit 4 of this register is cleared, then the frequency estimator will be used. If this
bit is cleared and the loop is opened, the user should reset the CCI and LF bits of Register 0012 prior to closing the loop again.
[1] Loop Polarity: This bit reverses the polarity of the loop response.
[2] Unused
[3] Enable Frequency Slew Limiter: This bit enables the frequency slew limiter that controls how fast the tuning word can
change, and is useful for avoiding runt and stretched pulses during clock switchover and holdover transitions. These values are
set in Registers 0127-012C. See “Frequency Slew Limiter” on Page 46.
[4] Disable Frequency Estimator. The Frequency Estimator is normally not used, but is useful when the input frequency is
unknown, or needs to be qualified. This estimate appears in Registers 115-11A. The Frequency Estimator is not needed when
FTW0 (Register 01A6-01AB) is programmed. See “Frequency Estimator“ on Page 47.
[5] Single Tone Mode: Setting this bit allows the 9549 to output a tone open loop using FTW0 as DDS tuning word. This bit
must be cleared when Bit 0 (Close Loop) is set. This is very useful in debugging when the signal coming into the AD9549 is
questionable or nonexistent.
[7:6] Reserved
0101 – 0102; R Divider (DPLL Feedforward Divider)
[15:0] Feedforward Divider (also called the Reference divider) of the DPLL. Divide Ratio: 1 – 65536. See “Feedforward Divider
(Divide-by-R)” on Page 23. If the desired feedfeedforward ratio is greater than 65536, or if the reference input signal on REF_A
or REF_B is greater than 400 MHz, then Bit 0, R103 must be set.
0103; R Divider (continued)
[0] Divide by 2: Setting this bit enables an additional /2 pre-scalar, effectively doubling the range of the Feedforward Divider. If
the desired feedfeedforward ratio is greater than 65536, or if the reference input signal on REF_A or REF_B is greater than 400
MHz, then this bit must be set.
[6:1] Unused
[7] Falling Edge Triggered: Setting this bit inverts the reference clock before R divider.
0104 – 0105; S Divider (DPLL Feedback Divider)
[15:0] Feedback Divider: Divide Ratio: 1 – 65536. If the desired feedback ratio is greater than 65536, or if the feedback signal on
FDBK_IN is greater than 400 MHz, then Bit 0, R106 must be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com