Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9549 Datasheet HTML 22Page - Analog Devices AD9549 Datasheet HTML 23Page - Analog Devices AD9549 Datasheet HTML 24Page - Analog Devices AD9549 Datasheet HTML 25Page - Analog Devices AD9549 Datasheet HTML 26Page - Analog Devices AD9549 Datasheet HTML 27Page - Analog Devices AD9549 Datasheet HTML 28Page - Analog Devices AD9549 Datasheet HTML 29Page - Analog Devices AD9549 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 26 of 78
Direct Digital Synthesizer
One of the primary building blocks of the digital PLL is a direct
digital synthesizer (DDS). The DDS behaves like a sinusoidal
signal generator. The frequency of the sinusoid generated by
the DDS is determined by a frequency tuning word (FTW),
which is a digital (i.e., numeric) value. Unlike an analog
sinusoidal generator, a DDS uses digital building blocks and
operates as a sampled system. Thus, it requires a sampling
clock (fS) that serves as the DDS's fundamental timing source.
The accumulator behaves as a modulo-248 counter with a
programmable step size (FTW). A block diagram of the DDS is
shown below.
f
S
48
48
19
48
Frequency
Tuning Word
(FTW)
Angle to
Amplitude
Conversion
14
16
19
Phase
Offset
I-Set
DAC-
DAC+
DAC
(14-bit)
Q
D
48-bit Accumulator
Figure 11: DDS Block Diagram
The input to the DDS is a 48-bit FTW that provides the
accumulator with a seed value. On each cycle of fS, the
accumulator adds the value of the FTW to the running total of
its output. For example, given an FTW=5, the accumulator
would count by 5's, incrementing on each fS cycle. Over time,
the accumulator will reach the upper end of its capacity (248 in
this case). At which point it rolls over, retaining the excess. The
average rate at which the accumulator rolls over establishes the
frequency of the output sinusoid. The average rollover rate of
the accumulator is given by the formula below, and establishes
the output frequency (fDDS) of the DDS.
( )
S
FTW
DDS
f
f
48
2
=
Solving this equation for FTW yields:


=
S
DDS
f
f
round
FTW
48
2
For example, given that fS=1GHz and fDDS=19.44MHz, then
FTW=5,471,873,547,255 (04FA05143BF7h).
The relative phase of the sinusoid can be controlled
numerically, as well. This is accomplished using the phase offset
input to the DDS (a programmable 16-bit value (∆phase); see
the I/O Register Map). The resulting phase offset, ∆φ (radians),
is given by:
( )
16
2
2
phase
∆
=
∆
π
φ
The DDS can be operated in either open loop or closed loop
mode, via the Close Loop bit in the DPLL Register.
There are two open loop modes: Single Tone and Holdover. In
Single Tone Mode, the DDS behaves like a frequency
synthesizer, and uses the value stored in the FTW0 register to
determine its output frequency. Alternatively, the FTW and
∆phase values can be determined by the device itself using the
frequency estimator. Because Single Tone mode ignores the
reference inputs, it is very useful for generating test signals to
aid in debugging. Single Tone mode must be activated manually
via register programming.
In Holdover mode, the AD9549 uses past tuning words when
the loop was closed to determine its output frequency.
Therefore, the loop must have been successfully closed in order
for Holdover Mode to work. Switching in and out of Holdover
Mode can be either automatic or manual, depending on register
settings.
Typically, the AD9549 operates in closed loop mode. In closed
loop mode, the FTW values come from the output of the digital
loop filter and vary with time. The DDS frequency is steered in
a manner similar to a conventional VCO-based PLL.
NOTE: In "closed loop" mode, the DDS phase offset capability
is inoperative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com