Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9549 Datasheet HTML 70Page - Analog Devices AD9549 Datasheet HTML 71Page - Analog Devices AD9549 Datasheet HTML 72Page - Analog Devices AD9549 Datasheet HTML 73Page - Analog Devices AD9549 Datasheet HTML 74Page - Analog Devices AD9549 Datasheet HTML 75Page - Analog Devices AD9549 Datasheet HTML 76Page - Analog Devices AD9549 Datasheet HTML 77Page - Analog Devices AD9549 Datasheet HTML 78Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 74 of 78
0308; S1 Pin Configuration (See “Status and Warnings” on Page 48.)
Note: The choice of input for a given pin must be all Ref A or all Ref B, and not a combination thereof.
[0] IRQ: Select “IRQ” signal for output on this pin
[1] Reserved
[2] Frequency Lock: Select “Frequency Lock” signal for output on this pin
[3] Phase Lock: Select “Phase Lock” signal for output on this pin
[4] Ref? Not Valid: Select either RefA (0) or RefB (1) “Not Valid” signal for output on this pin
[5] Ref? OOL: Select either RefA (0) or RefB (1) “OOL” signal for output on this pin
[6] Ref?: LOR: Select either RefA (0) or RefB (1) “LOR” signal for output on this pin
[7] Ref?: Choose either RefA (0) or RefB (1) for use with bits 4 – 6
0309; S2 Pin Configuration: Same as register 0308, except applies to pin S2
030A; S3 Pin Configuration: Same as register 0308, except applies to pin S3
030B; S4 Pin Configuration: Same as register 0308, except applies to pin S4
030C; Control
[0] Enable Frequency Lock Detector. Register 0319 must be set up to use this. See “Frequency Lock Detection” on Page 32.
[1] Enable Phase Lock Detector: Register 0314h-0318h must be set up to use this. See “Phase Lock Detection” on Page 31.
[3:2] Unused
[4] Enable RefB OOL: The RefB OOL limits are set up in Registers 032C to 0335.
[5] Enable RefB LOR: The RefA LOR limits are set up in Registers 0320 to 0321.
[6] Enable RefA OOL: The RefB OOL limits are set up in Registers 0322 to 032B.
[7] Enable RefA LOR: The RefB LOR limits are set up in Registers 031E to 031F.
030D; Unused
030E – 0313; HFTW; Read-Only
[47:0] Average or Instantaneous FTW: This read-only register is the output of FTW monitor. Average or Instantaneous is
determined by “Holdover Mode” (see Bit 4, Register 01C0). These registers must be manually refreshed by issuing an
IO_UPDATE.
0314 – 0317; Phase Lock
[31:0] Phase Lock Threshold: See “Phase Lock Detection” on Page 31.
0318; Phase Lock (continued)
[7:5] Phase Unlock Watchdog Timer : See “Phase Lock Detection” on Page 31.
[4:0] Phase Lock Watchdog Timer : See “Phase Lock Detection” on Page 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com