Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 67 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9549 Datasheet HTML 63Page - Analog Devices AD9549 Datasheet HTML 64Page - Analog Devices AD9549 Datasheet HTML 65Page - Analog Devices AD9549 Datasheet HTML 66Page - Analog Devices AD9549 Datasheet HTML 67Page - Analog Devices AD9549 Datasheet HTML 68Page - Analog Devices AD9549 Datasheet HTML 69Page - Analog Devices AD9549 Datasheet HTML 70Page - Analog Devices AD9549 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 67 of 78
0012; Reset; Auto Clear; To reset the entire chip, the user may also use the (non-self clearing) Soft Reset bit in Register 0000.
Except for IRQ reset, the user normally would not need to use these.
[0] DDS (Direct Digital Synthesis) Reset
[1] CCI (Cascaded Comb Integrator) Reset
[2] LF (Loop Filter) Reset
[3] CPFD (Coarse Phase Frequency Detector) Reset
[4] FPFD (Fine Phase Frequency Detector) Reset
[5] IRQ Reset: Clear IRQ signal and IRQ status monitor
[6] Unused
[7] History Reset: Setting this bit clears the FTW monitor and pipeline.
0013; Reset (continued); NOT Auto Clear.
[0] R Divider Reset: Synchronous (to R divider prescaler output) reset for integer divider
[1] S Divider Reset: Synchronous (to S divider prescaler output) reset for integer divider
[2] R Div2 Reset: Asynchronous reset for R prescaler
[3] S Div2 Reset: Asynchronous reset for S prescalar
[7] PD Fund DDS: Setting this bit powers down the DDS fundamental output, but not the spurs. It is used during tuning of the
Spur Killer circuit.
System Clock
0020; N Divider
[4:0] N Divider: These bits set the Feedback divider for System Clock PLL. There is a fixed /2 preceding this block, as well as a
an offset of 2 added to this value. Therefore, setting this register to 00000 translates to an overall feedback divider ratio of 4. See
Figure 29: Block Diagram of the SysClk PLL on Page 42.
0021; Reserved
0022; PLL Parameters
[1:0] Charge Pump Current: 00: 250 uA , 01: 375 uA, 10: Off, 11: 125 uA
[2] VCO Range: Select low range or high range VCO. 0= low range (700 to 800 MHz). 1= high range (850 to 1000 MHz). For
System clock settings in between 800-850 MHz, use the VCO Auto Range (Bit 7) to set the correct VCO range automatically.
[3] 2x Reference: Enables a frequency doubler prior to the Sysclk PLL and can be useful in reducing jitter induced by the Sysclk
PLL. See Figure 28: System Clock Generator Block Diagram, Page 42.
[4:6] Reserved
[7] VCO Auto Range: Automatic VCO range selection. Enabling this bit allows Bit 2 of this register to be set automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com