Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9549 Datasheet HTML 15Page - Analog Devices AD9549 Datasheet HTML 16Page - Analog Devices AD9549 Datasheet HTML 17Page - Analog Devices AD9549 Datasheet HTML 18Page - Analog Devices AD9549 Datasheet HTML 19Page - Analog Devices AD9549 Datasheet HTML 20Page - Analog Devices AD9549 Datasheet HTML 21Page - Analog Devices AD9549 Datasheet HTML 22Page - Analog Devices AD9549 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 19 of 78
12
I
Diff
Input
REFA_IN
Frequency/Phase Reference A Input. This internally biased input is typically AC-coupled,
and when configured as such, can accept any differential signal.
13
I
Diff
Input
REFA_INB
Complementary Frequency/Phase Reference A Input: Complementary signal to the
input provided on pin 12
14, 37, 46,
47, 49
I
Power
AVDD3
Analog Supply: Connect to a nominal 3.3V supply
15
I
REFB_IN
Frequency/Phase Reference B Input. This internally biased input is typically AC-coupled,
and when configured as such, can accept any differential signal whose single-ended
swing is between 0.4 and 3.3V.
16
I
REFB_INB
Complementary Frequency/Phase Reference B Input: Complementary signal to the input
provided on pin 15
17, 18
N/C
No Connects: These are excess, unused pins that may be left floating
20, 21
PFD_VRB,
PFD_VRT
These pins must be capacitively decoupled. See the Phase Detector Pin Connections
section for details.
22
O
I set
Res
PFD_RSET
Connect a 5k
Ω resistor from this pin to Ground
(see the Phase Detector Pin Connections section).
27
I
SYSCLK
System Clock Input
28
I
SYSCLKB
Complementary System Clock: Complementary signal to the input provided on pin 27
31
LOOP_FILTER
System Clock Multiplier Loop Filter: When using the frequency multiplier to drive the
System Clock, an external loop filter must be constructed and attached to this pin.
32
I
1.8V
CMOS
CLKMODESEL
Clock Mode Select. Set to GND when using a crystal. Pull up to 1.8V when using either an
oscillator or external clock source. (See the SysClk Inputs section for details on the use of
this pin).
33, 39, 43,
52
I
GND
AVSS
Analog Ground: Connect to Ground. NOTE: Pin 43 is a ground shield connection.
34
O
1.8V
HSTL
OUTB
Complementary HSTL Output: See spec table and the OUTPUT DRIVERS AND
MULTIPLIER section, under sub heading Primary (Differential) Driver, for details
35
O
1.8V
HSTL
OUT
HSTL Output: See specification table and the CLOCK DRIVERS section
38
O
3.3V
CMOS
OUT_CMOS
CMOS Output: See specification table and the CLOCK DRIVERS section
40
I
FDBK_INB
Complementary Feedback input: In standard operating mode, this pin is connected to
the filtered IOUTB output . This internally biased input is typically AC-coupled, and when
configured as such, can accept any differential signal.
41
I
FDBK_IN
Feedback Input: In standard operating mode, this pin is connected to the filtered IOUT
output
48
O
DAC_RSET
DAC output current setting resistor. Connect a resistor from this pin to GND . See the
“DAC Output” section.
50
O
IOUT
DAC output: Output signal should be filtered and sent back on chip through FDBK_INB
input
51
O
IOUTB
Complimentary DAC output: Output signal should be filtered and sent back on chip
through FDBK_IN input
56
I/O
3.3V
CMOS
REFSELECT
Reference Select input: In manual mode, the REFSELECT pin operates as a high
impedance input pin, while in automatic mode, it operates as a low impedance output
pin. Logic 0 (low) indicates/selects RefA. Logic 1 (high) indicates/selects RefB.
57
I/O
3.3V
CMOS
HOLDOVER
Holdover: (Active high) In manual holdover mode, this pin is used to force the AD9549
into holdover mode. In automatic holdover mode, it indicates holdover status.
58
I
3.3V
CMOS
PWRDOWN
Power Down: When this active high pin is asserted, the device becomes inactive and
enters a low power state.
59
I
3.3V
CMOS
RESET
Chip Reset: When this active high pin is asserted, the chip goes into reset. Note: upon
power up, a 10 us reset pulse is automatically generated when the power supplies reach
a threshold and stabilize.
60
I
3.3V
IO_UPDATE
I/O Update: A logic transition from 0 to 1 on this pin transfers data from the I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com