Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9549 Datasheet HTML 44Page - Analog Devices AD9549 Datasheet HTML 45Page - Analog Devices AD9549 Datasheet HTML 46Page - Analog Devices AD9549 Datasheet HTML 47Page - Analog Devices AD9549 Datasheet HTML 48Page - Analog Devices AD9549 Datasheet HTML 49Page - Analog Devices AD9549 Datasheet HTML 50Page - Analog Devices AD9549 Datasheet HTML 51Page - Analog Devices AD9549 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 48 of 78
As an example, consider the system conditions specified below:
fS = 400MHz
fREF_IN = 155.52MHz
R = 8
ε
0
=0.00005 (i.e., 50ppm)
These conditions yield KMAX=3185, which is the largest K value
that can be programmed without causing the frequency
estimator counter to overflow. With K=KMAX we find that
Tmeas=163.84µs and ε=30.2ppm. KMAX will generally (but not
always) yield the smallest value of ε, but this comes at the cost
of the largest measurement time (Tmeas).
If the measurement time must be reduced, then KHI can be used
instead of KMAX. This yields: KHI=1945, Tmeas=100.05µs, and
ε=39.4ppm.
The measurement time can be further reduced (though
marginally) by using K1 instead of KHI. K1 is found by solving
the ε ≤ ε0 inequality iteratively. To do so, start with K=KHI and
decrement K successively while evaluating the inequality for
each value of K. Stop the process the first time that the
inequality is no longer satisfied and add 1 to the value of K thus
obtained. The result is the value of K1. For the above example,
K1=1912, Tmeas=98.35µs, and ε=39.8ppm.
If a further reduction of the measurement time is necessary,
then K0 can be used. K0 is found in a manner similar to K1.
Start with K=KLO and increment K successively while evaluating
the inequality for each value of K. Stop the process the first
time that the inequality is satisfied. The result is the value of K0.
For the above example, K0=1005, Tmeas=51.70µs and ε=49.0ppm.
STATUS AND WARNINGS
Status Pins
Four pins (S1 – S4) are reserved for providing device status
information to the external environment. These four pins are
individually programmable (via the serial I/O port) as an OR'd
combination of six possible status indications. Each pin has a
dedicated group of control register bits that determine which
internal status flags are used to provide an indication on a
particular pin (as shown in the diagram below).
Internal
Status Flags
RefA LOR
RefA OOL
RefA Invalid
RefB LOR
RefB OOL
RefB Invalid
Phase Lock Detect
Frequency Lock Detect
IRQ
0
1
0
1
0
1
Status Pin Control Register
(1 of 4)
RefAB LOR
Phase Lock
RefAB OOL
IRQ
RefAB Invalid
RefAB
Frequency Lock
Status Pin
(1 of 4)
Ref LOR
Ref OOL
Ref Invalid
Phase Lock
Freq. Lock
IRQ
Figure 35: Status Pin Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com