Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 70 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9549 Datasheet HTML 66Page - Analog Devices AD9549 Datasheet HTML 67Page - Analog Devices AD9549 Datasheet HTML 68Page - Analog Devices AD9549 Datasheet HTML 69Page - Analog Devices AD9549 Datasheet HTML 70Page - Analog Devices AD9549 Datasheet HTML 71Page - Analog Devices AD9549 Datasheet HTML 72Page - Analog Devices AD9549 Datasheet HTML 73Page - Analog Devices AD9549 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 70 of 78
011B – 0120; FTW Lower Limit
[47:0] FTW Lower Limit: Lowest DDS tuning word in closed loop mode. This feature is recommended when a bandpass
reconstruction filter is used. See “Output Frequency Range Control” on Page 39.
0121 – 0126; FTW Upper Limit
[47:0] FTW Upper Limit: Highest DDS tuning word in closed loop mode. This feature is recommended when a bandpass
reconstruction filter is used. See “Output Frequency Range Control” on Page 39.
0127 – 012C; Frequency Slew Limit
[47:0] Frequency Slew Limit: See “Frequency Slew Limiter” on Page 46.
012D – 0130; Reserved
Free-Run (Single-Tone) Mode
01A0 – 01A5; Reserved
01A6 – 01AB; FTW0
[47:0] FTW0: FTW (Frequency Tuning Word) for DDS when loop is not “closed” (see register 0100 bit 0)
Also used as the initial frequency estimate when the estimator is disabled (see register 0100 bit 4)
Note: The power up default is defined by startup pins S1-S4. See “Default DDS Output Frequency on Power-Up” on Page 49.
01AC – 01AD; Phase
[15:0] DDS Phase Word: Allows user to vary the phase of the DDS output. Active only when loop is not “closed.”
Reference Selector / Holdover
01C0; Automatic Control
[0] Automatic Holdover: Setting this bit permits state-machine to enter holdover (free-run) mode.
[1] Automatic Recover: Setting this bit permits state-machine to leave holdover mode.
[2] Automatic Selector: Setting this bit permits state-machine to switch the active reference clock input.
[3] Reserved
[4] Holdover Mode: This bit determines which Frequency Tuning Word (FTW) is used in Holdover Mode.
0: Use last FTW at time of holdover. 1: Use averaged FTW at time of holdover, which is the recommended setting. The number
of averages used is set in Register 01C2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com