Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9549 Datasheet HTML 10Page - Analog Devices AD9549 Datasheet HTML 11Page - Analog Devices AD9549 Datasheet HTML 12Page - Analog Devices AD9549 Datasheet HTML 13Page - Analog Devices AD9549 Datasheet HTML 14Page - Analog Devices AD9549 Datasheet HTML 15Page - Analog Devices AD9549 Datasheet HTML 16Page - Analog Devices AD9549 Datasheet HTML 17Page - Analog Devices AD9549 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 14 of 78
Plot 3: Additive Phase Noise at HSTL Output Driver. Sysclk = 1 GHz
(SysClk PLL Enabled and driven by 25 MHz Wenzel Oscillator.)
Ref=19.44 MHz., Fout=311.04 MHz, DPLL loop BW= 1 kHz.
Plot 4: Additive Phase Noise at HSTL Output Driver. Sysclk= 1 GHz
(SysClk PLL Enabled and driven by 25 MHz Wenzel Oscillator.).
Ref=19.44 MHz., Fout=622.08 MHz, DPLL loop BW= 1 kHz. HSTL
Doubler Enabled.
Plot 5: Additive Phase Noise at HSTL Output Driver. Sysclk = 1 GHz.
(Sysclk PLL enabled and driven with 25MHz Wenzel Oscillator.)
Fin=19.44 MHz, Fout=155.52 MHz.
DPLL loop BW=1 kHz
Plot 6: Additive Phase Noise at HSTL Output Driver.
Sysclk = 500 MHz. Sysclk PLL disabled.
Fin=8 kHz, Fout= 155.52 MHz. DPLL loop BW= 400 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com