Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9549 Datasheet HTML 18Page - Analog Devices AD9549 Datasheet HTML 19Page - Analog Devices AD9549 Datasheet HTML 20Page - Analog Devices AD9549 Datasheet HTML 21Page - Analog Devices AD9549 Datasheet HTML 22Page - Analog Devices AD9549 Datasheet HTML 23Page - Analog Devices AD9549 Datasheet HTML 24Page - Analog Devices AD9549 Datasheet HTML 25Page - Analog Devices AD9549 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 22 of 78
THEORY OF OPERATION
Figure 8: Detailed Block Diagram
OVERVIEW
The AD9549 provides a clocking output which is directly
related in phase and frequency to the selected (active) reference
(REF_A or REF_B), but having a phase noise spectrum
primarily governed by the system clock. A wide band of
reference frequencies is supported. Jitter existent on the active
reference is greatly reduced by a programmable digital filter in
the Digital Phase Locked Loop (PLL), which is the core of this
product. The AD9549 supports both manual and automatic
holdover. While in holdover, the AD9549 will continue to
provide an output as long as the system clock is maintained.
The frequency of the output during holdover is an average of
the steady state output frequency prior to holdover. Also offered
are manual and automatic switchover modes for changing
between the two references should one become suspect or lost.
A digitally controlled oscillator (DCO) is implemented using a
Direct Digital Synthesizer (DDS) with an integrated output
DAC, clocked by the system clock. A bypassable PLL based
frequency multiplier is present enabling use of an inexpensive,
low frequency source for the system clock. For best jitter
performance, the system clock PLL should be bypassed, and a
low-noise high-frequency system clock should be provided
directly. Sampling theory sets an upper bound for the DDS
output frequency at 50% of fS (where fS is the DAC sample rate),
but a practical limitation of 40% of fS is generally recommended
to allow for the selectivity of the required off-chip
reconstruction filter. The output signal from the reconstruction
filter is fed back to the AD9549, both to complete the PLL, and
to be processed through the output circuitry. The output
circuitry includes HSTL and CMOS output buffers, as well as a
frequency doubler for systems, which need to provide
frequencies above the Nyquist level of the DDS.
The individual functional blocks are described in the following
sections.
DDS/DAC
FREQ
TUNING
WORD
HOLDOVER
CONTROL
LOGIC
DIGITAL
INTERFACE
PFD
÷ S
÷ R
2X
HSTL
CLK_OUT
CMOS
CLK_OUT
INPUT
REF
MONITOR
REF_CNTRL
LOCK DETECT
S1-S4
REF_A
REF_B
REF_SELECT
SYS_CLK
Freq
Est.
Digital PLL Core
SYSCLK PORT
EXTERNAL
ANALOG
LOW-PASS
FILTER
SLEW
LIMIT
PROG.
DIGITAL
LOOP
FILTER
LOW NOISE
CLOCK
MULTIPLIER
AMP
FDBK
IRQ & Status
Logic
OOL&LOR
HOLDOVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com