Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9549 Datasheet HTML 12Page - Analog Devices AD9549 Datasheet HTML 13Page - Analog Devices AD9549 Datasheet HTML 14Page - Analog Devices AD9549 Datasheet HTML 15Page - Analog Devices AD9549 Datasheet HTML 16Page - Analog Devices AD9549 Datasheet HTML 17Page - Analog Devices AD9549 Datasheet HTML 18Page - Analog Devices AD9549 Datasheet HTML 19Page - Analog Devices AD9549 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 16 of 78
AD9549 CMOS 1.8V Driver w/ 20pF Load: Amplitude vs. Frequency
Loaded with 20k Ohm Scope Probe
0.0
0.5
1.0
1.5
2.0
2.5
0
2040
6080
100
Output Frequency (MHz)
Nom Skew 25ºC 1.8V Supply DUT 2 (20pF)
Slow Skew 90ºC 1.7V Supply DUT 3 (20pF)
Plot 11: CMOS Output Driver Amplitude vs. Toggle Rate
(AVDD3 = 1.8 V) with 20 pF Load.
Plot 12: CMOS Output Driver Amplitude vs. Toggle Rate
(AVDD3 = 3.3V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com