Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9549 Datasheet HTML 35Page - Analog Devices AD9549 Datasheet HTML 36Page - Analog Devices AD9549 Datasheet HTML 37Page - Analog Devices AD9549 Datasheet HTML 38Page - Analog Devices AD9549 Datasheet HTML 39Page - Analog Devices AD9549 Datasheet HTML 40Page - Analog Devices AD9549 Datasheet HTML 41Page - Analog Devices AD9549 Datasheet HTML 42Page - Analog Devices AD9549 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 39 of 78
Holdover Sampler and Averager
If activated via the I/O Register Map, the HSA continuously
monitors the data generated by the digital loop filter in the
background. It should be noted that the loop filter data is a
time sequence of frequency adjustments (∆f) to the DDS. The
output of the HSA is routed to a read-only register in the I/O
Register Map and to the holdover control logic.
The first of these destinations (the read-only register) serves as
a "trace buffer" that may be read by the user and the data
processed externally. The second destination (the holdover
control logic) uses the output of the HSA to "peg" the DDS at a
specific frequency upon entry into the holdover state. Hence,
the DDS will assume a frequency specified by the last value
generated by the HSA just prior to entering the holdover state.
The state of the output MUX is established by programming the
I/O Register Map. The default state is such that the ∆f values
pass through the HSA unaltered. In this mode, the output
sample rate is fS/P, the same as the sample rate of the digital loop
filter.
NOTE: P is the divide ratio of the "P"-divider (see “Digital
Loop Filter” on Page 24) and fS is the DAC sample rate.
Alternatively, the MUX can be set to select the averaging path.
In this mode, a "block average" is performed on a sequence of
samples. The length of the sequence is determined by
programming the value of Y (a 4-bit number stored in the I/O
Register Map), and has a value of 2Y+1. In the "averaging" mode,
the output sample rate is given by fS/ (P∙2Y+1).
When the number of ∆f samples specified by Y has been
collected, the averaged result is delivered to a 2-stage pipeline.
The last stage of the pipeline contains the value that will be
delivered to the holdover control logic when a transition into
the holdover state occurs. The pipeline is a guarantee that the
averaged ∆f value delivered to the holdover control logic has not
been interrupted by the transition into the holdover state.
The pipeline provides an inherent delay of ∆t = P∙2Y+1/fS.
Hence, the DDS "hold" frequency is the average as it appeared
∆t to 2∆t seconds prior to entering the holdover state. Note that
the user has some control over the duration of ∆t because it is
dependent on the programmed value of Y.
OUTPUT FREQUENCY RANGE CONTROL
Under normal operating conditions, its output frequency is
dynamically changing in response to the output of the digital
loop filter. The loop filter can steer the DDS to any frequency
between DC and fS/2 (with 48-bit resolution). However, the
user is given the option of placing limits on the tuning range of
the DDS via two 48-bit registers in the I/O Register Map: FTW
Upper Limit and FTW Lower Limit. If the tuning word input
exceeds the upper or lower frequency limit boundaries, the
tuning word is clipped to the appropriate value. The default
setting for these registers is fS/2 and DC, respectively.
It may be desirable to limit the output range of the DDS to a
narrow band of frequencies (for example, to achieve better jitter
performance in conjunction with a band pass filter). See “Use of
Narrowband Filter for High Performance” on Page 40 for more
information about this feature.
Loop
Filter
DDS/DAC
S
Phase
Detector
External
Reconstruction
Filter
REF IN
R
Frequency
Limiter
Loop
Filter
DDS/DAC
S
Phase
Detector
External
Reconstruction
Filter
REF IN
R
Low Pass
Band Pass
Figure 24: Application of the Frequency Limiter
RECONSTRUCTION FILTER
The origin of the output clock signal produced by the AD9549
is the combined DDS and DAC. The DAC output signal
appears as a sinusoid sampled at fS. The frequency of the
sinusoid is determined by the frequency tuning word (FTW)
that appears at the input to the DDS. The DAC output is
typically passed through an external reconstruction filter that
serves to remove the artifacts of the sampling process and other
spurs outside the filter bandwidth. The signal is then brought
back on-chip to be converted to a square wave that is routed
internally to the output clock driver or the 2x DLL multiplier.
Since the DAC constitutes a sampled system, its output must be
filtered so that the analog waveform accurately represents the
digital samples supplied to the DAC input. The unfiltered DAC
output contains the desired base band signal, which extends
from DC to the Nyquist frequency (fS/2). It also contains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com