Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 110 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 110 Page - SIMCom

Back Button SIM800 Datasheet HTML 106Page - SIMCom SIM800 Datasheet HTML 107Page - SIMCom SIM800 Datasheet HTML 108Page - SIMCom SIM800 Datasheet HTML 109Page - SIMCom SIM800 Datasheet HTML 110Page - SIMCom SIM800 Datasheet HTML 111Page - SIMCom SIM800 Datasheet HTML 112Page - SIMCom SIM800 Datasheet HTML 113Page - SIMCom SIM800 Datasheet HTML 114Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
110
2015-08-03
+CSSN: <n>,<m>
OK
AT+CSSN?
Parameters
See Write Command
Response
OK
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+CSSN=<n>[,
<m>]
Parameters
<n> A numeric parameter which indicates whether to show the
+CSSI:<code1>[,<index>] result code presentation status after a mobile
originated call setup
0
disable
1
enable
<m>
A numeric parameter which indicates whether to show the
+CSSU: <code2> result code presentation status during a mobile
terminated call setup or during a call, or when a forward check
supplementary service notification is received.
0
disable
1
enable
<code1>
0
Unconditional call forwarding is active
1
Some of the conditional call forwarding are active
2
Call has been forwarded
3
Call is waiting
4
This is a CUG call (also <index> present)
5
Outgoing calls are barred
6
Incoming calls are barred
7
CLIR suppression rejected
<index>
Closed user group index
<code2>
0
This is a forwarded call
1
This is a CUG call (also <index> present) (MT call
setup)
2
Call has been put on hold (during a voice call)
3
Call has been retrieved (during a voice call)
4
Multiparty call entered (during a voice call)
5
Call on hold has been released (this is not a SS
notification) (during a voice call)
6
Forward check SS message received (can be received
whenever)
7
Call is being connected (alerting) with the remote party
in alerting state in explicit call transfer operation (during a voice call)
8
Call has been connected with the other remote party in
explicit call transfer operation (also number and subaddress parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com