Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 113 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 113 Page - SIMCom

Back Button SIM800 Datasheet HTML 109Page - SIMCom SIM800 Datasheet HTML 110Page - SIMCom SIM800 Datasheet HTML 111Page - SIMCom SIM800 Datasheet HTML 112Page - SIMCom SIM800 Datasheet HTML 113Page - SIMCom SIM800 Datasheet HTML 114Page - SIMCom SIM800 Datasheet HTML 115Page - SIMCom SIM800 Datasheet HTML 116Page - SIMCom SIM800 Datasheet HTML 117Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
113
2015-08-03
ERROR
If error is related to ME functionality:
+CMS ERROR:<err>
Parameters
<index> Integer type; value in the range of location numbers supported by
the associated memory
<delflag>
0
Delete the message specified in <index>
1
Delete all read messages from preferred message storage,
leaving unread messages and stored mobile originated
messages (whether sent or not) untouched
2
Delete all read messages from preferred message storage
and sent mobile originated messages, leaving unread
messages and unsent mobile originated messages
untouched
3
Delete all read messages from preferred message storage,
sent and unsent mobile originated messages leaving
unread messages untouched
4
Delete all messages from preferred message storage
including unread messages
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
5s(delete 1 message)
25s(delete 50 messages)
25s(delete 150 messages)
Reference
3GPP TS 27.005
Note
4.2.2 AT+CMGF
Select SMS Message Format
AT+CMGF
Select SMS Message Format
Response
+CMGF: (list of supported <mode>s)
OK
Test Command
AT+CMGF=?
Parameter
See Write Command
Response
+CMGF: <mode>
OK
Read Command
AT+CMGF?
Parameter
See Write Command
Write Command
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com