Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 117 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 117 Page - SIMCom

Back Button SIM800 Datasheet HTML 113Page - SIMCom SIM800 Datasheet HTML 114Page - SIMCom SIM800 Datasheet HTML 115Page - SIMCom SIM800 Datasheet HTML 116Page - SIMCom SIM800 Datasheet HTML 117Page - SIMCom SIM800 Datasheet HTML 118Page - SIMCom SIM800 Datasheet HTML 119Page - SIMCom SIM800 Datasheet HTML 120Page - SIMCom SIM800 Datasheet HTML 121Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
117
2015-08-03
<toda>
GSM 04.11 TP-Destination-Address Type-of-Address octet
in integer format (when first character of <da> is + (IRA 43) default is 145,
otherwise default is 129)
<tooa>
GSM 04.11 TP-Originating-Address Type-of-Address octet in
integer format (default refer<toda>)
1) If text mode:
the same as AT+CMGL="REC UNREAD", received unread messages
2) If PDU mode:
the same as AT+CMGL=0, received unread messages
See more messages please refer to Write Command.
Execution
Command
AT+CMGL
Parameters
See Write Command
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
20s(list 50 messages)
20s(list 150 messages)
Reference
3GPP TS 27.005
Note
4.2.4 AT+CMGR
Read SMS Message
AT+CMGR
Read SMS Message
Test Command
AT+CMGR=?
Response
OK
Parameters
<index>
Integer type; value in the range of location numbers supported
by the associated memory
<mode>
0 Normal
1 Not change status of the specified SMS record
Write Command
AT+CMGR=<in
dex>[,<mode>]
Response
TA returns SMS message with location value <index> from message storage
<mem1> to the TE. If status of the message is 'received unread', status in the
storage changes to 'received read'.
1) If text mode (+CMGF=1) and Command successful:
for SMS-DELIVER:
+CMGR: <stat>,<oa>[,<alpha>],<scts>[,<tooa>,<fo>,<pid>,<dcs>
,<sca>,<tosca>,<length>]<CR><LF><data>
for SMS-SUBMIT:
+CMGR: <stat>,<da>[,<alpha>][,<toda>,<fo>,<pid>,<dcs>[,<vp>]
,<sca>,<tosca>,<length>]<CR><LF><data>
for SMS-STATUS-REPORTs:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com