Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 119 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 119 Page - SIMCom

Back Button SIM800 Datasheet HTML 115Page - SIMCom SIM800 Datasheet HTML 116Page - SIMCom SIM800 Datasheet HTML 117Page - SIMCom SIM800 Datasheet HTML 118Page - SIMCom SIM800 Datasheet HTML 119Page - SIMCom SIM800 Datasheet HTML 120Page - SIMCom SIM800 Datasheet HTML 121Page - SIMCom SIM800 Datasheet HTML 122Page - SIMCom SIM800 Datasheet HTML 123Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
119
2015-08-03
current TE character set according to rules of Annex A
- if TE character set is "HEX": ME/TA converts each 7-bit
character of GSM alphabet into two IRA character long
hexadecimal number
- if <dcs> indicates that 8-bit or UCS2 data coding scheme is
used: ME/TA converts each 8-bit octet into two IRA character
long hexadecimal number
<dcs>
Depending on the Command or result code: GSM 03.38 SMS
Data Coding Scheme (default 0), or Cell Broadcast Data Coding Scheme in
integer format
<fo>
Depending on the Command or result code: first octet of
GSM 03.40 SMS-DELIVER, SMS-SUBMIT (default 17),
SMS-STATUS-REPORT, or SMS-COMMAND (default 2) in integer
format
<length>
integer type value indicating in the text mode (+CMGF=1)
the length of the message body <data> (or <cdata>) in
characters; or in
PDU mode (+CMGF=0), the length of the actual TP data unit in octets (i.e.
the RP layer SMSC address octets are not counted in the length)
<mid>
GSM 03.41 CBM Message Identifier in integer format
<oa>
GSM 03.40 TP-Originating-Address Address-Value field in
string format; BCD numbers (or GSM default alphabet characters) are
converted characters of the currently selected TE character set (specified by
+CSCS in 3GPP TS 27.007); type of address given by <tooa>
<pdu>
In the case of SMS: GSM 04.11 SC address followed by
GSM 03.40 TPDU in hexadecimal format: ME/TA converts each octet of
TP data unit into two IRA character long hexadecimal number (e.g. octet
with integer value 42 is presented to TE as two characters 2A (IRA 50 and
65)). In the case of CBS: GSM 03.41 TPDU in hexadecimal format.
<pid>
GSM 03.40 TP-Protocol-Identifier in integer format
(default 0)
<sca>
GSM 04.11 RP SC address Address-Value field in string
format; BCD numbers (or GSM default alphabet characters) are converted
to characters of the currently selected TE character set (specified by +CSCS
in 3GPP TS 27.007); type of address given by <tosca>
<scts>
GSM 03.40 TP-Service-Centre-Time-Stamp in time-string
format (refer <dt>)
<stat>
0 "REC UNREAD"
Received unread messages
1 "REC READ"
Received read messages
2 "STO UNSENT"
Stored unsent messages
3 "STO SENT"
Stored sent messages
4 "ALL"
All messages
<toda>
GSM 04.11 TP-Destination-Address Type-of-Address octet
in integer format (when first character of <da> is + (IRA 43) default is 145,
otherwise default is 129)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com