Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 118 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 118 Page - SIMCom

Back Button SIM800 Datasheet HTML 114Page - SIMCom SIM800 Datasheet HTML 115Page - SIMCom SIM800 Datasheet HTML 116Page - SIMCom SIM800 Datasheet HTML 117Page - SIMCom SIM800 Datasheet HTML 118Page - SIMCom SIM800 Datasheet HTML 119Page - SIMCom SIM800 Datasheet HTML 120Page - SIMCom SIM800 Datasheet HTML 121Page - SIMCom SIM800 Datasheet HTML 122Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
118
2015-08-03
+CMGR: <stat>,<fo>,<mr>[,<ra>][,<tora>],<scts>,<dt>,<st>
for SMS-COMMANDs:
+CMGR: <stat>,<fo>,<ct>[,<pid>[,<mn>][,<da>][,<toda>]
,<length><CR><LF><cdata>]
for CBM storage:
+CMGR: <stat>,<sn>,<mid>,<dcs>,<page>,<pages><CR><LF><data>
2) If PDU mode (+CMGF=0) and Command successful:
+CMGR: <stat>[,<alpha>],<length><CR><LF><pdu>
OK
3) If error is related to ME functionality:
+CMS ERROR: <err>
Parameters
<alpha>
String type (string should be included in quotation marks)
alphanumeric representation of <da> or <oa> corresponding to the entry
found in MT phonebook; implementation of this feature is manufacturer
specific
<da>
GSM 03.40 TP-Destination-Address Address-Value field in
string format; BCD numbers (or GSM default alphabet characters) are
converted to characters of the currently selected TE character set (specified
by +CSCS in 3GPP TS 27.007); type of address given by <toda>
<data>
In the case of SMS: GSM 03.40 TP-User-Data in text mode
responses; format:
- if <dcs> indicates that GSM 03.38 default alphabet is used and
<fo> indicates that GSM 03.40 TPUser-Data-Header-Indication
is not set:
- if TE character set other than "HEX" (refer Command Select
TE Character Set +CSCS in 3GPP TS 27.007):ME/TA converts
GSM alphabet into current TE character set according to rules
of Annex A
- if TE character set is "HEX": ME/TA converts each 7-bit
character of GSM alphabet into two IRA character long
hexadecimal number (e.g. character P (GSM 23) is presented as
17 (IRA 49 and 55))
- if <dcs> indicates that 8-bit or UCS2 data coding scheme is
used, or <fo> indicates that GSM 03.40
TP-User-Data-Header-Indication is set: ME/TA converts each
8-bit octet into two IRA character long hexadecimal number
(e.g. octet with integer value 42 is presented to TE as two
characters 2A (IRA 50 and 65)) In the case of CBS: GSM 03.41
CBM Content of Message in text mode responses; format:
- if <dcs> indicates that GSM 03.38 default alphabet is used:
- if TE character set other than "HEX" (refer Command +CSCS
in 3GPP TS 27.007): ME/TA converts GSM alphabet into



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com