Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 121 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 121 Page - SIMCom

Back Button SIM800 Datasheet HTML 117Page - SIMCom SIM800 Datasheet HTML 118Page - SIMCom SIM800 Datasheet HTML 119Page - SIMCom SIM800 Datasheet HTML 120Page - SIMCom SIM800 Datasheet HTML 121Page - SIMCom SIM800 Datasheet HTML 122Page - SIMCom SIM800 Datasheet HTML 123Page - SIMCom SIM800 Datasheet HTML 124Page - SIMCom SIM800 Datasheet HTML 125Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
121
2015-08-03
+CMGS: <mr>
OK
3)If error is related to ME functionality:
+CMS ERROR: <err>
Parameter
<mr>
GSM 03.40 TP-Message-Reference in integer format
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
60s
Reference
3GPP TS 27.005
Note
In text mode, the maximum length of an SMS depends on the used
coding scheme: It is 1024 characters if the 7 bit GSM coding scheme is
used.
Reject incoming call when sending messages.
4.2.6 AT+CMGW
Write SMS Message to Memory
AT+CMGW
Write SMS Message to Memory
Test Command
AT+CMGW=?
Response
OK
Response
TA transmits SMS message (either SMS-DELIVER or SMS-SUBMIT)
from TE to memory storage <mem2>. Memory location <index> of the
stored message is returned. By default message status will be set to 'stored
unsent', but parameter <stat> allows also other status values to be given.
If writing is successful:
+CMGW: <index>
OK
If error is related to ME functionality:
+CMS ERROR: <err>
Write Command
1) If text mode
(+CMGF=1):
AT+CMGW=<o
a/da>[,<tooa/tod
a>][,<stat>]
<CR> text is
entered
<ctrl-Z/ESC>
<ESC> quits
without sending
2) If PDU mode
(+CMGF=0):
AT+CMGW=<le
ngth>[,<stat>]
<CR>PDU is
given
<ctrl-Z/ESC>
Parameters
<oa>
GSM 03.40 TP-Originating-Address Address-Value field in
string format(string should be included in quotation marks); BCD numbers
(or GSM default alphabet characters) are converted to characters of the
currently selected TE character set (specified by +CSCS in 3GPP TS
27.007);type of address given by <tooa>
<da>
GSM 03.40 TP-Destination-Address Address-Value field in
string format(string should be included in quotation marks); BCD numbers
(or GSM default alphabet characters) are converted to characters of the
currently selected TE character set (specified by +CSCS in 3GPP TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com