Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 125 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 125 Page - SIMCom

Back Button SIM800 Datasheet HTML 121Page - SIMCom SIM800 Datasheet HTML 122Page - SIMCom SIM800 Datasheet HTML 123Page - SIMCom SIM800 Datasheet HTML 124Page - SIMCom SIM800 Datasheet HTML 125Page - SIMCom SIM800 Datasheet HTML 126Page - SIMCom SIM800 Datasheet HTML 127Page - SIMCom SIM800 Datasheet HTML 128Page - SIMCom SIM800 Datasheet HTML 129Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
125
2015-08-03
1
If SMS-DELIVER is stored into ME/TA, indication of
the memory location is routed to the TE using unsolicited result code:
+CMTI: <mem>,<index>
2
SMS-DELIVERs (except class 2) are routed directly to
the TE using unsolicited result code: +CMT:
[<alpha>],<length><CR><LF><pdu> (PDU mode enabled) or +CMT:
<oa>,[<alpha>],<scts>
[,<tooa>,<fo>,<pid>,<dcs>,<sca>,<tosca>,<length>]<CR><LF><data>
(text mode enabled; about parameters in italics, refer Command Show Text
Mode Parameters +CSDH). Class 2 messages result in indication as defined
in <mt>=1.
3
Class 3 SMS-DELIVERs are routed directly to TE
using unsolicited result codes defined in <mt>=2. Messages of other classes
result in indication as defined in <mt>=1.
<bm>
(the rules for storing received CBMs depend on its data
coding scheme (refer GSM 03.38 [2]), the setting of Select CBM Types
(+CSCB) and this value):
0
No CBM indications are routed to the TE.
2
New CBMs are routed directly to the TE using
unsolicited result code: +CBM: <length><CR><LF><pdu> (PDU mode
enabled) or +CBM: <sn>,<mid>,<dcs>,<page>,<pages><CR><LF><data>
(text mode enabled).
<ds>
0
No SMS-STATUS-REPORTs are routed to the TE.
1
SMS-STATUS-REPORTs are routed to the TE using
unsolicited result code: +CDS:<length><CR><LF><pdu> (PDU mode
enabled) or +CDS: <fo>,<mr>[,<ra>][,<tora>],<scts>,<dt>,<st> (text mode
enabled)
<bfr>
0
TA buffer of unsolicited result codes defined within this
Command is flushed to the TE when <mode> 1...3 is entered (OK response
shall be given before flushing the codes).
1
TA buffer of unsolicited result codes defined within this
command is cleared when <mode> 1…3 is entered
Unsolicited result code
1. Indicates that new message has been received
If <mt>=1:
+CMTI: <mem3>, <index>
If <mt>=2 (PDU mode enabled):
+CMT: [<alpha>],<length><CR><LF><pdu>
If <mt>=2 (text mode enabled):
+CMT: <oa>, <scts>[, <tooa>, <fo>, <pid>, <dcs>, <sca>, <tosca>,
<length>]<CR><LF><data>
2. Indicates that new cell broadcast message has been received
If <bm>=2 (PDU mode enabled):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com