Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 129 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 129 Page - SIMCom

Back Button SIM800 Datasheet HTML 125Page - SIMCom SIM800 Datasheet HTML 126Page - SIMCom SIM800 Datasheet HTML 127Page - SIMCom SIM800 Datasheet HTML 128Page - SIMCom SIM800 Datasheet HTML 129Page - SIMCom SIM800 Datasheet HTML 130Page - SIMCom SIM800 Datasheet HTML 131Page - SIMCom SIM800 Datasheet HTML 132Page - SIMCom SIM800 Datasheet HTML 133Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
129
2015-08-03
If error is related to ME functionality:
+CMS ERROR <err>
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
5s
Reference
3GPP TS 27.005
Note
4.2.12 AT+CSCA
SMS Service Center Address
AT+CSCA
SMS Service Center Address
Test Command
AT+CSCA=?
Response
OK
Response
+CSCA: <sca>,<tosca>[,<scaAlpha>]
OK
Read Command
AT+CSCA?
Parameters
See Write Command
Response
TA updates the SMSC address, through which mobile originated SMS are
transmitted. In text mode, setting is used by send and writes commands. In
PDU mode, setting is used by the same commands, but only when the
length of the SMSC address coded into <pdu> parameter equals zero.
Note: The Command writes the parameters in NON-VOLATILE memory.
OK
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+CSCA=<sca
>[,<tosca>]
Parameters
<sca>
GSM 04.11 RP SC address Address-Value field in string
format(string should be included in quotation marks); BCD numbers (or
GSM default alphabet characters) are converted to characters of the
currently selected TE character set (specified by +CSCS in 3GPP TS
27.007); type of address given by <tosca>
<tosca>
Service center address format GSM 04.11 RP SC address
Type-of-Address octet in integer format (default refer <toda>)
<scaAlpha>
String type(string should be included in quotation
marks)
Service center address alpha data
Parameter Saving NO_SAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com