Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 130 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 130 Page - SIMCom

Back Button SIM800 Datasheet HTML 126Page - SIMCom SIM800 Datasheet HTML 127Page - SIMCom SIM800 Datasheet HTML 128Page - SIMCom SIM800 Datasheet HTML 129Page - SIMCom SIM800 Datasheet HTML 130Page - SIMCom SIM800 Datasheet HTML 131Page - SIMCom SIM800 Datasheet HTML 132Page - SIMCom SIM800 Datasheet HTML 133Page - SIMCom SIM800 Datasheet HTML 134Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
130
2015-08-03
Mode
Max
Response
Time
5s
Reference
3GPP TS 27.005
Note
4.2.13 AT+CSCB
Select Cell Broadcast SMS Messages
AT+CSCB
Select Cell Broadcast SMS Messages
Response
+CSCB: (list of supported <mode>s)
OK
Test Command
AT+CSCB=?
Parameter
See Write Command
Response
+CSCB: <mode>,<mids>,<dcss>
OK
Read Command
AT+CSCB?
Parameters
See Write Command
Response
TA selects which types of CBMs are to be received by the ME.
Note: The Command writes the parameters in NON-VOLATILE memory.
OK
If error is related to ME functionality:
+CMS ERROR: <err>
Write Command
AT+CSCB=<mo
de>[,<mids>[,<d
css>]]
Parameters
<mode>
0
Message types specified in <mids> and <dcss> are
accepted
1
Message types specified in <mids> and <dcss> are not
accepted.
<mids>
String type (string should be included in quotation marks); all
different possible combinations of CBM message identifiers (refer <mid>)
(default is empty string); e.g. "0,1,5,320,922". Total 15 different <mids>
values can be supported. <mids> values cannot be written consecutively,
such as "100-200"
<dcss>
String type(string should be included in quotation marks); all
different possible combinations of CBM data coding schemes (refer <dcs>)
(default is empty string); e.g. "0,5". Total 5 different <dcss> values can be
supported. <dcss> values cannot be written consecutively, such as "0-5".
Parameter Saving NO_SAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com