Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 147 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 147 Page - SIMCom

Back Button SIM800 Datasheet HTML 143Page - SIMCom SIM800 Datasheet HTML 144Page - SIMCom SIM800 Datasheet HTML 145Page - SIMCom SIM800 Datasheet HTML 146Page - SIMCom SIM800 Datasheet HTML 147Page - SIMCom SIM800 Datasheet HTML 148Page - SIMCom SIM800 Datasheet HTML 149Page - SIMCom SIM800 Datasheet HTML 150Page - SIMCom SIM800 Datasheet HTML 151Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
147
2015-08-03
OK
Parameters
See Write Command
Response
+CMIC: (<channel0>,<gainlevel0>),…,(<channeln>,<gainleveln>)
OK
Read Command
AT+CMIC?
Parameters
See Write Command
Response
OK
ERROR
Write Command
AT+CMIC=<cha
nnel>,<gainlevel
>
Parameters
<channel>
0 Main audio channel
1
Aux audio channel
2
Main audio channel hand free mode
3
Aux audio channel hand free mode
<gainlevel> Int: 0 – 15
0 0dB
1 +1.5dB
2 +3.0 dB
3 +4.5 dB
4 +6.0 dB
5 +7.5 dB
6 +9.0 dB
7 +10.5 dB
8 +12.0 dB
9 +13.5 dB
10 +15.0 dB
11 +16.5 dB
12 +18.0 dB
13 +19.5 dB
14 +21.0 dB
15 +22.5 dB
Parameter Saving
Mode
AUTO_SAVE
Max
Response
Time
-
Reference
Note
<gainleveln> value is related to <channel> specific.
The default gain level of main audio channel is 10.
Scope of parameter <channel> is different among SIM800 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com