Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 148 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 148 Page - SIMCom

Back Button SIM800 Datasheet HTML 144Page - SIMCom SIM800 Datasheet HTML 145Page - SIMCom SIM800 Datasheet HTML 146Page - SIMCom SIM800 Datasheet HTML 147Page - SIMCom SIM800 Datasheet HTML 148Page - SIMCom SIM800 Datasheet HTML 149Page - SIMCom SIM800 Datasheet HTML 150Page - SIMCom SIM800 Datasheet HTML 151Page - SIMCom SIM800 Datasheet HTML 152Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
148
2015-08-03
project, please refer to chapter 21 for details.
6.2.5 AT+CALA
Set Alarm Time
AT+CALA
Set Alarm Time
Response
+CALA: ("yy/mm/dd,hh:mm:ss","hh:mm:ss"),(1-5),(0-7)
OK
If error is related to ME functionality:
+CME ERROR: <err>
Test Command
AT+CALA=?
Parameters
See Write Command
Response
[+CALA: <time>,<n1>[,<recurr>]
[<CR><LF> +CALA: <time>,<n2>[,<recurr>] …]]
OK
If error is related to ME functionality:
+CME ERROR: <err>
Read Command
AT+CALA?
Parameters
See Write Command
Response
OK
If error is related to ME functionality:
+CME ERROR: <err>
Unsolicited Result Code
Indicate expired alarm.
ALARM RING
+CALV: <n>
Write Command
AT+CALA=<ti
me>[,<n>[,<rec
urr>]]
Parameters
<time>
A string parameter(string should be included in quotation marks)
which
indicates
the
time
when
alarm
arrives.
The
format
is
"yy/MM/dd,hh:mm:ss" where characters indicate the last two digits of year,
month, day, hour, minute, second.
<n>
Index of the alarm (range 1 to 5 for now).
<recurr>
"0", "1"---"7" String type value indicating day of week for the
alarm in one of the following formats:
"<1..7>[,<1..7>[…]]" – Set a recurrent alarm for one or more
days in the week. The digits 1 to 7 correspond to the days in the
week, Monday (1), …, Sunday (7).
Example: The string "1,2,3,4,5" may be used to set an alarm for
all weekdays.
"0" – Set a recurrent alarm for all days in the week.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com