Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 176 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 176 Page - SIMCom

Back Button SIM800 Datasheet HTML 172Page - SIMCom SIM800 Datasheet HTML 173Page - SIMCom SIM800 Datasheet HTML 174Page - SIMCom SIM800 Datasheet HTML 175Page - SIMCom SIM800 Datasheet HTML 176Page - SIMCom SIM800 Datasheet HTML 177Page - SIMCom SIM800 Datasheet HTML 178Page - SIMCom SIM800 Datasheet HTML 179Page - SIMCom SIM800 Datasheet HTML 180Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
176
2015-08-03
Max
Response
Time
-
Reference
Note
Scope of parameter <GPIO> is different among SIM800 series project,
please refer to chapter 21 for details.
6.2.41 AT+SPWM
Generate the Pulse-Width-Modulation
AT+SPWM
Generate the Pulse-Width-Modulation
Response
+SPWM: (list of supported <index>s),(list of supported <freq>s),(list of
supported <level>s)
OK
Test Command
AT+SPWM=?
Parameters
See Write Command
Response
OK
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+SPWM=<in
dex>,<freq>,<lev
el>
Parameters
<index>
Integer type: the index number of PWM port, which value is
0-2; Current only support one channel,whether 0 or 1 or 2,the PWM port is
the same.
0
For buzzer (according to the hardware support or not).
1
Corresponding to PWM_OUT0 in the hardware circuit
2
Corresponding to PWM_OUT1 in the hardware circuit
<freq>
The range of <freq> is 0-100000, the output frequency equals
to CLK/(PWM_CNT+1),where PWM_CNT=CLK/ period-1.
<level>
Duty ratio = PWM_THRES/( PWM_CNT+1)
Parameter
Saving
Mode
NO_SAVE
Max Response Time -
Reference
Note
The PWM clock source is 13MHz, the equation of the final frequency is:
frequency = CLK/(PWM_CNT+1), where PWM_CNT = CLK/freq – 1.
However, the equation can not be simplified. PWM_THRES should be less
than the PWM_CNT.
If freq euals 0, the output of PWM is in low state.
6.2.42 AT+ECHO
Echo Cancellation Control
AT+ECHO
Echo Cancellation Control
Test Command
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com