Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 178 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 178 Page - SIMCom

Back Button SIM800 Datasheet HTML 174Page - SIMCom SIM800 Datasheet HTML 175Page - SIMCom SIM800 Datasheet HTML 176Page - SIMCom SIM800 Datasheet HTML 177Page - SIMCom SIM800 Datasheet HTML 178Page - SIMCom SIM800 Datasheet HTML 179Page - SIMCom SIM800 Datasheet HTML 180Page - SIMCom SIM800 Datasheet HTML 181Page - SIMCom SIM800 Datasheet HTML 182Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
178
2015-08-03
OK
Parameter
See Write Command
Response
+CAAS: <mode>
OK
Read Command
AT+CAAS?
Parameter
See Write Command
Response
This parameter setting determines whether or not the audio channel will be
switched automatically to the corresponding channel in case of headset
attaching or detaching.
OK
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+CAAS=<mo
de>
Parameter
<mode>
0
Disable automatic audio channel switch function, the headset
HOOK function is disabled;
1
Enable automatic audio channel switch function, the headset
HOOK function is enabled;
2
Disable automatic audio channel switch function, the headset
HOOK function is enabled.
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
Note
For this command, please refer to actual model.
The headset detection is still worked when <mode> is set to 0.
6.2.44 AT+SVR
Configure Voice Coding Type for Voice Calls
AT+SVR
Configure Voice Coding Type for Voice Calls
Response
+SVR: (list of supported <voice_rate_coding>s)
OK
Test Command
AT+SVR=?
Parameter
See Write Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com