Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 188 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 188 Page - SIMCom

Back Button SIM800 Datasheet HTML 184Page - SIMCom SIM800 Datasheet HTML 185Page - SIMCom SIM800 Datasheet HTML 186Page - SIMCom SIM800 Datasheet HTML 187Page - SIMCom SIM800 Datasheet HTML 188Page - SIMCom SIM800 Datasheet HTML 189Page - SIMCom SIM800 Datasheet HTML 190Page - SIMCom SIM800 Datasheet HTML 191Page - SIMCom SIM800 Datasheet HTML 192Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
188
2015-08-03
Parameters
See Write Command
Response
OK
ERROR
Write Command
AT+CSGS=<mo
de>
Parameters
<mode>
0
Disable
1
Enable, the netlight will be forced to enter into 64ms on/300ms off
blinking state in GPRS data transmission service. Otherwise, the
netlight state is not restricted.
2
Enable, the netlight will blink according to AT+SLEDS in GPRS
data transmission service.
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
Note
6.2.56 AT+CMICBIAS
Close or Open the MICBIAS
AT+CMICBIAS Close or Open the MICBIAS
Response
+CMICBIAS: (0,1)
OK
Test Command
AT+CMICBIAS
=?
Parameters
See Write Command
Response
+CMICBIAS: <mode>
OK
Read Command
AT+CMICBIAS
?
Parameters
See Write Command
Response
OK
ERROR
Write Command
AT+CMICBIAS
=<mode>
Parameters
<mode>
0 Turn off the micbias
1 Turn on the micbias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com