Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 191 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 191 Page - SIMCom

Back Button SIM800 Datasheet HTML 187Page - SIMCom SIM800 Datasheet HTML 188Page - SIMCom SIM800 Datasheet HTML 189Page - SIMCom SIM800 Datasheet HTML 190Page - SIMCom SIM800 Datasheet HTML 191Page - SIMCom SIM800 Datasheet HTML 192Page - SIMCom SIM800 Datasheet HTML 193Page - SIMCom SIM800 Datasheet HTML 194Page - SIMCom SIM800 Datasheet HTML 195Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
191
2015-08-03
<display>
0 Report jamming status via URC every 3000ms. (only
when <mode> is set to “1” or “3”)
1 Report jamming status via URC when jamming status
changed.(only when <mode> is set to “1” or “3”)
Parameter
Saving
Mode
NO_SAVE
Max Response Time
-
Reference
Note
When you query jamming detection status after enable jamming
detection mode, you will get the URC of the format below:
+SJDR:1,<mode>,<var>,<display>,<result>
<result>=0, means no jamming.
<result>=1, means jamming is detected.
<result>=2, means industrial interference is detected.
“+SJDR: INTERFERENCE DETECTED” indicates industrial
interference which signifies unintentional radio link disturbances by
strong industrial radio sources.
Jamming detection PIN is designed to indicate jamming by
outputting different level. When jamming is detected, the PIN will
output a high level, otherwise, it will output a low level.
Jamming detection PIN is different among SIM800 series project,
please refer to chapter 21 for details.
6.2.59 AT+CPCMCFG
Set PCM Parameter
AT+CPCMCFG
Set PCM Parameter
Response
+CPCMCFG: (0-1)
OK
Test Command
AT+CPCMCFG
=?
Parameters
See Write Command
Response
+CPCMCFG: <format>
OK
Read Command
AT+CPCMCFG
?
Parameters
See Write Command
Write Command
AT+CPCMCFG
=<format>
Response
OK
ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com