Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 241 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 241 Page - SIMCom

Back Button SIM800 Datasheet HTML 237Page - SIMCom SIM800 Datasheet HTML 238Page - SIMCom SIM800 Datasheet HTML 239Page - SIMCom SIM800 Datasheet HTML 240Page - SIMCom SIM800 Datasheet HTML 241Page - SIMCom SIM800 Datasheet HTML 242Page - SIMCom SIM800 Datasheet HTML 243Page - SIMCom SIM800 Datasheet HTML 244Page - SIMCom SIM800 Datasheet HTML 245Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
241
2015-08-03
OK
ERROR
AT+CIPCCFG=
<NmRetry>,<Wa
itTm>,<SendSz>,
<esc>[,<Rxmode
>,<RxSize>,<Rxt
imer>]
Parameters
<NmRetry>
Number of retries to be made for an IP packet.
<WaitTm>
Number of 100ms intervals to wait for serial input before
sending the packet.
<SendSz>
Size in bytes of data block to be received from serial port
before sending.
<esc>
Whether turn on the escape sequence, default is TRUE.
0
Turn off the escape sequence
1
Turn on the escape sequence
<Rxmode>
Whether to set time interval during output data from serial
port.
0 output data to serial port without interval
1 output data to serial port within <Rxtimer> interval.
<RxSize>
Output data length for each time, default value is 1460.
<Rxtimer>
Time interval (ms) to wait for serial port to output data
again. Default value: 50ms
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
Note
This command will be effective only in single connection mode
(+CIPMUX=0)
8.2.24 AT+CIPSHOWTP
Display Transfer Protocol in IP Head When Received Data
AT+CIPSHOWTP
Display Transfer Protocol in IP Head When Received Data
Response
+CIPSHOWTP: (list of supported <mode>s)
OK
Test Command
AT+CIPSHOWTP
=?
Parameters
See Write Command
Response
+CIPSHOWTP: <mode>
OK
Read Command
AT+CIPSHOWTP
?
Parameters
See Write Command
Write Command
AT+CIPSHOWTP
Response
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com