Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 245 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 245 Page - SIMCom

Back Button SIM800 Datasheet HTML 241Page - SIMCom SIM800 Datasheet HTML 242Page - SIMCom SIM800 Datasheet HTML 243Page - SIMCom SIM800 Datasheet HTML 244Page - SIMCom SIM800 Datasheet HTML 245Page - SIMCom SIM800 Datasheet HTML 246Page - SIMCom SIM800 Datasheet HTML 247Page - SIMCom SIM800 Datasheet HTML 248Page - SIMCom SIM800 Datasheet HTML 249Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
245
2015-08-03
0
Disable getting data from network manually, the module is
set to normal mode, data will be pushed to TE directly.
1
Enable getting data from network manually.
2
The module can get data, but the length of output data can
not exceed 1460 bytes at a time.
3
Similar to mode 2, but in HEX mode, which means the
module can get 730 bytes maximum at a time.
4
Query how many data are not read with a given ID.
<id>
A numeric parameter which indicates the connection number
<reqlength> Requested number of data bytes (1-1460 bytes)to be read
<cnflength> Confirmed number of data bytes to be read, which may be less
than <length>. 0 indicates that no data can be read.
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
Note
To enable this function, parameter <mode> must be set to 1 before
connection.
8.2.27 AT+CIPSCONT
Save TCPIP Application Context
AT+CIPSCONT
Save TCPIP Application Context
Read Command
AT+CIPSCONT
?
Response
TA returns TCPIP Application Context, which consists of the following
AT Command parameters.
+CIPSCONT: <mode0>
+CIPCSGP: <mode>
Gprs Config APN: <apn>
Gprs Config UserId: <user name>
Gprs Config Password: <password>
+CIPHEAD: <mode>
+CIPSHOWTP: <mode>
+CIPSRIP: <mode>
+CIPATS: <mode>,<time>
+CIPSPRT: <send prompt>,<notshowsendok>
+CIPQSEND: <n>
+CIPMODE: <mode>
+CIPCCFG:
<NmRetry>,<WaitTm>,<SendSz>,<esc>,<Rxmode>,<RxSize>,<Rxti
mer>
+CIPMUX: <n>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com