Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 258 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 258 Page - SIMCom

Back Button SIM800 Datasheet HTML 254Page - SIMCom SIM800 Datasheet HTML 255Page - SIMCom SIM800 Datasheet HTML 256Page - SIMCom SIM800 Datasheet HTML 257Page - SIMCom SIM800 Datasheet HTML 258Page - SIMCom SIM800 Datasheet HTML 259Page - SIMCom SIM800 Datasheet HTML 260Page - SIMCom SIM800 Datasheet HTML 261Page - SIMCom SIM800 Datasheet HTML 262Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
258
2015-08-03
"URL"
"UA"
"PROIP"
"PROPORT"
"REDIR"
"BREAK"
"BREAKEND"
"TIMEOUT"
"CONTENT"
"USERDATA"
<HTTPParamValue>
(Mandatory Parameter) HTTP client URL
"http://'server'/'path':'tcpPort' "
"server": FQDN or IP-address
"path": path of file or directory
"tcpPort": default value is 80.
Refer to "IETF-RFC 2616".
The user agent string which is set by the
application to identify the mobile. Usually this
parameter is set as operation system and software
version information.
Default value is "SIMCom_MODULE".
The IP address of HTTP proxy server
The port of HTTP proxy server
This flag controls the redirection mechanism of the
SIM800 when it is acting as HTTP client
(numeric). If the server sends a redirect code
(range 30x), the client will automatically send a
new HTTP request when the flag is set to (1).
Default value is 0 (no redirection).
Parameter for HTTP method "GET", used for
resuming broken transfer.
Parameter for HTTP method "GET", used for
resuming broken transfer. which is used together
with "BREAK",
If the value of "BREAKEND" is bigger than
"BREAK", the transfer scope is from "BREAK" to
"BREAKEND".
If the value of "BREAKEND" is smaller than
"BREAK", the transfer scope is from "BREAK" to
the end of the file.
If both "BREAKEND" and "BREAK" are 0, the
resume broken transfer function is disabled.
HTTP session timeout value, scope: 30-1000
second.
Default value is 120 seconds.
HTTP Parameter value. Type and supported
content depend on related <HTTPParamTag>.
Used to set the “Content-Type” field in HTTP
header.
User data
HTTP Parameter value.Type and supported content
depend on related <HTTPParamTag>.
Parameter Saving NO_SAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com