Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 262 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 262 Page - SIMCom

Back Button SIM800 Datasheet HTML 258Page - SIMCom SIM800 Datasheet HTML 259Page - SIMCom SIM800 Datasheet HTML 260Page - SIMCom SIM800 Datasheet HTML 261Page - SIMCom SIM800 Datasheet HTML 262Page - SIMCom SIM800 Datasheet HTML 263Page - SIMCom SIM800 Datasheet HTML 264Page - SIMCom SIM800 Datasheet HTML 265Page - SIMCom SIM800 Datasheet HTML 266Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
262
2015-08-03
If<byte_size> is bigger than the data size received, module will only return
actual data size.
If error is related to ME functionality:
+CME ERROR: <err>
Parameters
<data>
Data from HTTP server or user input.
<start_address>
The starting point for data output.
0-319488 (bytes)
<byte_size>
The length for data output.
1-319488 (bytes)
<data_len>
The actual length for data output.
Execution
Command
AT+HTTPREA
D
Response
+HTTPREAD:<date_len>
<data>
OK
Read all data when AT+HTTPACTION=0 or AT+HTTPDATA is executed.
If error is related to ME functionality:
+CME ERROR: <err>
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
Note
11.2.7 AT+HTTPSCONT
Save HTTP Application Context
AT+HTTPSCONT
Save HTTP Application Context
Read Command
AT+HTTPSCON
T?
Response
TA returns HTTP Application Context, which consists of the following
AT Command parameters.
+HTTPSCONT:<mode>
CID:<value>
URL: <value>
UA: <value>
PROIP: <value>
PROPORT: <value>
REDIR: <value>
BREAK: <value>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com