Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 280 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 280 Page - SIMCom

Back Button SIM800 Datasheet HTML 276Page - SIMCom SIM800 Datasheet HTML 277Page - SIMCom SIM800 Datasheet HTML 278Page - SIMCom SIM800 Datasheet HTML 279Page - SIMCom SIM800 Datasheet HTML 280Page - SIMCom SIM800 Datasheet HTML 281Page - SIMCom SIM800 Datasheet HTML 282Page - SIMCom SIM800 Datasheet HTML 283Page - SIMCom SIM800 Datasheet HTML 284Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
280
2015-08-03
Response
If mode is 0 or 1
OK
If mode is 2
+FTPEXTPUT: <pos>,<len>
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+FTPEXTPUT
=<mode>[,<pos>,<
len>,<timeout>]
Parameters
<mode>
0 use default FTPPUT method
1 use extend FTPPUT method
2 download data which need to PUT to RAM
<pos> data offset address 0-300k
<len> data length 0-300k
<timeout> timeout value of serial port 1000ms-1000000ms
Parameter
Saving
Mode
NO_SAVE
Max
Response
Time
75 seconds(In case no response is received from server)
Reference
Note
When extend FTPPUT mode is activated, input data then execute
"AT+FTPPUT=1" to transmit, after session is complete, if successful, it
returns "+FTPPUT: 1,0", otherwise it returns "+FTPPUT: 1,<error>",
<error> see "AT+FTPGET".
12.2.21 AT+FTPMKD
Make Directory on the Remote Machine
AT+FTPMKD
Make Directory on the Remote Machine
Test Command
AT+FTPMKD=?
Response
OK
Response
If success:
OK
+FTPMKD: 1,0
If failed:
OK
+FTPMKD: 1,<error>
If error is related to ME functionality:
+CME ERROR: <err>
Execution
Command
AT+FTPMKD
Parameters
<error>
See "AT+FTPGET"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com