Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 283 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 283 Page - SIMCom

Back Button SIM800 Datasheet HTML 279Page - SIMCom SIM800 Datasheet HTML 280Page - SIMCom SIM800 Datasheet HTML 281Page - SIMCom SIM800 Datasheet HTML 282Page - SIMCom SIM800 Datasheet HTML 283Page - SIMCom SIM800 Datasheet HTML 284Page - SIMCom SIM800 Datasheet HTML 285Page - SIMCom SIM800 Datasheet HTML 286Page - SIMCom SIM800 Datasheet HTML 287Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
283
2015-08-03
1 During the process
<receivedLength> The data length received from FTP
<writeLength>
The data length saved in File System
Response
If it is a successful FTP get session:
OK
If data transfer finished.
+FTPGETTOFS: 0,<totalLength>
If it is a failed FTP get session:
OK
+FTPGETTOFS: <error>
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+FTPGETTO
FS=<loc>,<filena
me>[,<num>,<tim
e>]
Parameters
<loc> file saved in ROM or SD card.
0
saved in ROM, file will be saved in "Disk1:\user\ftp"
1
saved in SD card, file will be saved in "Disk2:\ftp"
Note: The local drive "Disk1" or SD drive "Disk2" can be got by
AT+FSDRIVE.
<filename> file name. Alphanumeric ASCII text string up to 64 characters
<num> Number of automatic reconnect times, from 0 to 255.
Default value is 3.
<time> wait time before module start automatic reconnect, from 0 to 60
seconds.
Default value is 5 seconds.
<totalLength> The total length of data bytes have been saved
<error>
85
An error related with file system.
Other errors please see FTPGET.
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
75 seconds(In case no response is received from server)
Reference
Note
Automatic reconnection will start at break point.
File will be overwritten if you start this function twice with a same
file name.
12.2.25 AT+FTPPUTFRMFS
Upload File from File System.
AT+FTPPUTFRMFS Upload File from File System
Test Command
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com