Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 364 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 364 Page - SIMCom

Back Button SIM800 Datasheet HTML 360Page - SIMCom SIM800 Datasheet HTML 361Page - SIMCom SIM800 Datasheet HTML 362Page - SIMCom SIM800 Datasheet HTML 363Page - SIMCom SIM800 Datasheet HTML 364Page - SIMCom SIM800 Datasheet HTML 365Page - SIMCom SIM800 Datasheet HTML 366Page - SIMCom SIM800 Datasheet HTML 367Page - SIMCom SIM800 Datasheet HTML 368Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
364
2015-08-03
The peak throughput class
The mean throughput class
And is decided in "requested QOS” and "minimum acceptable QOS”.
All parameters of the QOS are initiated by default value (=0) except the reliability class is 3. To
define a QOS use the AT+CGQREQ or AT+CGQMIN Command.
Overwrite the precedence class of
QOS of CID 1 and sets the QOS of
CID 1 to be present
AT+CGQREQ=1,0,0,3
,0,0
OK
Response: all QOS values of the
activated CID.
AT+CGQREQ?
+CGQREQ: 1,0,0,3,0,0
+CGQREQ: 2,0,0,3,0,0
+CGQREQ: 3,0,0,3,0,0
OK
Set the QOS of CID 1 to not present.
Once defined, the CID can be activated.
AT+CGQREQ=1
OK
Activate CID 1, if the CID is already
active, the mobile returns OK at once.
If no CID is defined the mobile responds
+CME ERROR: invalid index.
Note: If the mobile is NOT attached
by AT+CGATT=1 before activating, the
attachment is automatically done by the
AT+CGACT Command.
AT+CGACT=1,1
AT+CGACT=1,3
OK
+CME ERROR: requested
service
option
not
subscribed.
Use the defined and activated CID
to get online. The mobile can be
connected using the parameters of
appointed
CID
or
using
default
parameter
AT+CGDATA="PPP",
1
CONNECT
The mobile supports Layer 2 Protocol (L2P) PPP only.
Note: If the mobile is NOT attached by AT+CGATT=1 and the CID is NOT activated before
connecting, attaching and activating is automatically done by the AT+CGDATA Command.
Some providers require using an APN to establish a GPRS connection. So if user uses the
Microsoft Windows Dial-Up Network and ATD*9… to connect to GPRS, user must provide the
context definition as part of the modem definition (Modem properties/Connection/Advanced…
/Extra settings.) As an alternative, user can define and activate the context in a terminal program
(e.g. Microsoft HyperTerminal) and then use the Dial-Up Network to send only the ATD
Command.
20.9 TCPIP Commands
Please refer to SIM800 Series_TCPIP_Application Note.doc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com