Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 362 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 362 Page - SIMCom

Back Button SIM800 Datasheet HTML 358Page - SIMCom SIM800 Datasheet HTML 359Page - SIMCom SIM800 Datasheet HTML 360Page - SIMCom SIM800 Datasheet HTML 361Page - SIMCom SIM800 Datasheet HTML 362Page - SIMCom SIM800 Datasheet HTML 363Page - SIMCom SIM800 Datasheet HTML 364Page - SIMCom SIM800 Datasheet HTML 365Page - SIMCom SIM800 Datasheet HTML 366Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
362
2015-08-03
Note:”ALL” must be in uppercase.
READ","+8613918186089",
"", "02/01/30,20:40:31+00"
This is a test
+CMGL:
2,
"REC
UNREAD"," ",
"+8613918186089", ""
,"02/01/30,20:45:12+00"
Test again
OK
Delete an SMS message.
AT+CMGD=1
OK
List all SMS messages to show message
has been deleted.
AT+CMGL="ALL"
+CMGL: 2, "REC READ",
"+8613918186
089","","02/01/30,20:45:12+
00"
Test again
OK
Send SMS using Chinese characters
AT+CSMP=17,167,2,
25
AT+CSCS="UCS2"
AT+CMGS="0031003
300390031003800310
038003x003x003x003
x"
>4E014E50<Ctrl+Z>
OK
OK
+CMGS:36
OK
20.8 GPRS Commands
Demonstration
Syntax
Expect Result
Establish a GPRS context.
Setup modem driver
Setup
dial
up
connection with *99#
Run internet explorer
Should be able to surf the
web using Internet explorer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com