Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 358 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 358 Page - SIMCom

Back Button SIM800 Datasheet HTML 354Page - SIMCom SIM800 Datasheet HTML 355Page - SIMCom SIM800 Datasheet HTML 356Page - SIMCom SIM800 Datasheet HTML 357Page - SIMCom SIM800 Datasheet HTML 358Page - SIMCom SIM800 Datasheet HTML 359Page - SIMCom SIM800 Datasheet HTML 360Page - SIMCom SIM800 Datasheet HTML 361Page - SIMCom SIM800 Datasheet HTML 362Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
358
2015-08-03
OK
Switch on engineering
mode, and with extern
information
AT+CENG =4,1
AT+CENG?
OK
+CENG: 4,1
//Dedicated mode:
+CENG:
0,"0081,47,00,460,00,31,f9a1,08,05,1816,00,-66,0,
0,64,7,64,0,0,0,EFR"
//Idle mode:
+CENG:
0,"0081,56,00,460,00,31,f9a1,08,05,1816,255,-57,
177,617,x,x,x,x,x,x"
+CENG: 1,"0014,35,15,f2a1,460,00,1816,91,531"
+CENG: 2,"0012,25,48,f411,460,00,1816,51,491"
+CENG: 3,"0565,24,55,f1a1,460,00,1816,45,485"
+CENG: 4,"0027,20,13,f412,460,00,1816,31,471"
+CENG: 5,"0584,20,24,f1a3,460,00,1816,29,469"
+CENG: 6,"0028,16,14,6253,460,00,1823,18,455"
OK
20.3 General Commands
Demonstration
Syntax
Expect Result
Display the current network operator
that the handset is currently registered
with.
AT+COPS?
+COPS: 0,0,"CHINA
MOBILE"
OK
Display a full list of network operator
names.
AT+COPN
+COPN: "20201",
"COSMO"
[skip a bit]
+COPN:
"901012","Maritime Comm
Partner AS"
OK
reduce its functionality. This will
deregister the handset from the network.
AT+IPR?
AT+CFUN=0
[wait for deregister]
ATD6241xxxx;
AT+CFUN=1
+IPR: 0
OK
OK
ERROR
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com