Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 359 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 359 Page - SIMCom

Back Button SIM800 Datasheet HTML 355Page - SIMCom SIM800 Datasheet HTML 356Page - SIMCom SIM800 Datasheet HTML 357Page - SIMCom SIM800 Datasheet HTML 358Page - SIMCom SIM800 Datasheet HTML 359Page - SIMCom SIM800 Datasheet HTML 360Page - SIMCom SIM800 Datasheet HTML 361Page - SIMCom SIM800 Datasheet HTML 362Page - SIMCom SIM800 Datasheet HTML 363Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
359
2015-08-03
Request the IMSI
AT+CIMI
460008184101641
OK
20.4 Call Control Commands
Demonstration
Syntax
Expect Result
Make a voice call
ATD6241xxxx;
OK
MS makes a voice call
Hang up a call
ATH
OK
Call dropped
Make a voice call using the last number
facility. The initial call is established and
then cancelled. The second call is made
using the previous dial string.
ATD6241xxxx;
ATH
ATDL
OK
OK
OK
Example of a MT voice call
Make MT voice call to MS.
ATA
ATH
RING
RING
OK[accept call]
OK[hang up call]
Call related to supplementary service:
AT+CHLD. This Command provides
support for call waiting functionality.
AT+CHLD=<N>
Return
value:(0,1,1x,2,2x,3,4)
Terminate current call and accept waiting
call.
Establish a voice call from EVB, receive
an incoming call (incoming call accepts
waiting status), terminate active call and
accept incoming call. Note call waiting
must be active for this option – use
"AT+CCWA=1,1” before running this
demonstration.
AT+CCWA=1,1
ATD6241xxxx;
<RX incoming call>
AT+CHLD=1
OK
OK
RING
+CCWA: "62418148 ",
129,1,""
OK
<waiting call active>
Set current call to busy state and accept
waiting call.
Establish a voice call from EVB, receive
an incoming call (incoming call accepts
waiting status), place active call on hold
and switch to incoming call. Terminate
active call and switch back to original
call. Note call waiting must have been
previously
enabled
for
this
demonstration to work.
ATD6241xxxx;
<RX incoming call>
AT+CHLD=2
AT+CHLD=1
RING
+CCWA: "1391818
6089",129,1,""
OK
<waiting call active other
call on hold>
OK
<incoming call terminated,
dialed number now active>
Switch between active and held calls.
Establish a voice call from EVB, receive
ATD6241xxxx;
OK
RING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com