Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 74Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 75Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 76Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 77Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 78Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 79Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 80Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 81Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 185 page
background image
78
AT89C5131A-L
4338E–USB–06/06
Table 61. IEN0 Register
IEN0 - Interrupt Enable Register (A8h)
Reset Value = 0000 0000b
Bit addressable
7
6
5
4
3
2
1
0
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
Bit
Number
Bit
Mnemonic
Description
7EA
Enable All interrupt bit
Cleared to disable all interrupts.
Set to enable all interrupts.
6EC
PCA interrupt enable bit
Cleared to disable.
Set to enable.
5ET2
Timer 2 overflow interrupt Enable bit
Cleared to disable Timer 2 overflow interrupt.
Set to enable Timer 2 overflow interrupt.
4ES
Serial port Enable bit
Cleared to disable serial port interrupt.
Set to enable serial port interrupt.
3ET1
Timer 1 overflow interrupt Enable bit
Cleared to disable Timer 1 overflow interrupt.
Set to enable Timer 1 overflow interrupt.
2EX1
External interrupt 1 Enable bit
Cleared to disable external interrupt 1.
Set to enable external interrupt 1.
1ET0
Timer 0 overflow interrupt Enable bit
Cleared to disable timer 0 overflow interrupt.
Set to enable timer 0 overflow interrupt.
0EX0
External interrupt 0 Enable bit
Cleared to disable external interrupt 0.
Set to enable external interrupt 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com