Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 55Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 56Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 57Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 58Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 59Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 60Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 61Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 62Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 185 page
background image
59
AT89C5131A-L
4338E–USB–06/06
the CAPP bit enables the positive edge. If both bits are set both edges will be
enabled and a capture will occur for either transition.
The last bit in the register ECOM (CCAPMn.6) when set enables the comparator
function.
Table 51 shows the CCAPMn settings for the various PCA functions.
Table 50. CCAPMn Registers (n = 0-4)
CCAPM0 - PCA Module 0 Compare/Capture Control Register (0DAh)
CCAPM1 - PCA Module 1 Compare/Capture Control Register (0DBh)
CCAPM2 - PCA Module 2 Compare/Capture Control Register (0DCh)
CCAPM3 - PCA Module 3 Compare/Capture Control Register (0DDh)
CCAPM4 - PCA Module 4 Compare/Capture Control Register (0DEh)
Reset Value = X000 0000b
Not bit addressable
7
6
5
4
3
2
1
0
-
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6ECOMn
Enable Comparator
Cleared to disable the comparator function.
Set to enable the comparator function.
5
CAPPn
Capture Positive
Cleared to disable positive edge capture.
Set to enable positive edge capture.
4CAPNn
Capture Negative
Cleared to disable negative edge capture.
Set to enable negative edge capture.
3MATn
Match
When MATn = 1, a match of the PCA counter with this module's
compare/capture register causes the
CCFn bit in CCON to be set, flagging an interrupt.
2
TOGn
Toggle
When TOGn = 1, a match of the PCA counter with this module's
compare/capture register causes the CEXn pin to toggle.
1PWMn
Pulse Width Modulation Mode
Cleared to disable the CEXn pin to be used as a pulse width modulated output.
Set to enable the CEXn pin to be used as a pulse width modulated output.
0
ECCFn
Enable CCF Interrupt
Cleared to disable compare/capture flag CCFn in the CCON register to
generate an interrupt.
Set to enable compare/capture flag CCFn in the CCON register to generate an
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com