Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 47Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 48Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 49Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 50Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 51Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 52Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 53Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 54Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 185 page
background image
51
AT89C5131A-L
4338E–USB–06/06
Figure 25. Auto-reload Mode Up/Down Counter (DCEN = 1)
Programmable Clock
Output
In the Clock-out mode, Timer 2 operates as a 50%-duty-cycle, programmable clock gen-
erator (See Figure 26). The input clock increments TL2 at frequency FCLK PERIPH/2. The
timer repeatedly counts to overflow from a loaded value. At overflow, the contents of
RCAP2H and RCAP2L registers are loaded into TH2 and TL2. In this mode, Timer 2
overflows do not generate interrupts. The following formula gives the Clock-out fre-
quency as a function of the system oscillator frequency and the value in the RCAP2H
and RCAP2L registers
For a 16 MHz system clock, Timer 2 has a programmable frequency range of 61 Hz
(FCLK PERIPH/2
16) to 4 MHz (F
CLK PERIPH/4). The generated clock signal is brought out to
T2 pin (P1.0).
Timer 2 is programmed for the Clock-out mode as follows:
Set T2OE bit in T2MOD register.
Clear C/T2 bit in T2CON register.
Determine the 16-bit reload value from the formula and enter it in RCAP2H/RCAP2L
registers.
Enter a 16-bit initial value in timer registers TH2/TL2. It can be the same as the
reload value or a different one depending on the application.
To start the timer, set TR2 run control bit in T2CON register.
(DOWN COUNTING RELOAD VALUE)
C/T2
TF2
TR2
T2
EXF2
TH2
(8-bit)
TL2
(8-bit)
RCAP2H
(8-bit)
RCAP2L
(8-bit)
FFh
(8-bit)
FFh
(8-bit)
TOGGLE
(UP COUNTING RELOAD VALUE)
Timer 2
INTERRUPT
F
CLK PERIPH
0
1
T2CON
T2CON
T2CON
T2CON
T2EX:
if DCEN = 1, 1 = UP
if DCEN = 1, 0 = DOWN
if DCEN = 0, up counting
: 6
Clock OutFrequency
FCLKPERIPH
4
65536
RCAP2H
RCAP2L
()
×
-----------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com